Electronic Components Datasheet Search
  English  ▼

X  

74ABT821 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT821
Description  10-bit D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT821 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT821 Datasheet HTML 3Page - NXP Semiconductors 74ABT821 Datasheet HTML 4Page - NXP Semiconductors 74ABT821 Datasheet HTML 5Page - NXP Semiconductors 74ABT821 Datasheet HTML 6Page - NXP Semiconductors 74ABT821 Datasheet HTML 7Page - NXP Semiconductors 74ABT821 Datasheet HTML 8Page - NXP Semiconductors 74ABT821 Datasheet HTML 9Page - NXP Semiconductors 74ABT821 Datasheet HTML 10Page - NXP Semiconductors 74ABT821 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74ABT821_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2010
7 of 16
NXP Semiconductors
74ABT821
10-bit D-type flip-flop; positive-edge trigger; 3-state
10. Dynamic characteristics
11. Waveforms
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit, see Figure 8.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +70 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
tPLH
LOW to HIGH
propagation delay
CP to Qn; see Figure 5
2.1
4.1
5.6
2.1
6.2
ns
tPHL
HIGH to LOW
propagation delay
CP to Qn; see Figure 5
2.8
4.6
6.2
2.8
6.7
ns
tPZH
OFF-state to HIGH
propagation delay
OEn to Qn; see Figure 6
1.0
3.0
4.5
1.0
5.3
ns
tPZL
OFF-state to LOW
propagation delay
OEn to Qn; see Figure 6
2.2
4.1
5.6
2.2
6.3
ns
tPHZ
HIGH to OFF-state
propagation delay
OEn to Qn; see Figure 6
2.7
4.7
6.2
2.7
6.7
ns
tPLZ
LOW to OFF-state
propagation delay
OEn to Qn; see Figure 6
2.3
4.6
6.1
2.3
6.5
ns
tsu(H)
set-up time HIGH
Dn to CP; see Figure 7
2.1
0.5
-
2.1
-
ns
tsu(L)
set-up time LOW
Dn to CP; see Figure 7
2.1
0.3
-
2.1
-
ns
th(H)
hold time HIGH
Dn to CP; see Figure 7
1.3
0
-
1.3
-
ns
th(L)
hold time LOW
Dn to CP; see Figure 7
1.3
−0.3
-
1.3
-
ns
tWH
pulse width HIGH
CP; see Figure 5
2.9
1.8
-
2.9
-
ns
tWL
pulse width LOW
CP; see Figure 5
3.8
2.8
-
3.8
-
ns
fmax
maximum
frequency
see Figure 5
125
185
-
125
-
MHz
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Propagation delay clock input (CP) to output (Qn), clock pulse (CP) width and
maximum clock (CP) frequency
001aac445
CP input
Qn output
tPHL
tPLH
tWH
tWL
1/fmax
VM
VOH
VI
GND
VOL
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com