Electronic Components Datasheet Search
  English  ▼

X  

LPC2361 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC2361
Description  Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2361 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC2361 Datasheet HTML 32Page - NXP Semiconductors LPC2361 Datasheet HTML 33Page - NXP Semiconductors LPC2361 Datasheet HTML 34Page - NXP Semiconductors LPC2361 Datasheet HTML 35Page - NXP Semiconductors LPC2361 Datasheet HTML 36Page - NXP Semiconductors LPC2361 Datasheet HTML 37Page - NXP Semiconductors LPC2361 Datasheet HTML 38Page - NXP Semiconductors LPC2361 Datasheet HTML 39Page - NXP Semiconductors LPC2361 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
LPC2361_62_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2010
36 of 57
NXP Semiconductors
LPC2361/62
Single-chip 16-bit/32-bit MCU
Ilatch
I/O latch-up current
−(0.5V
DD(3V3)) < VI <
(1.5VDD(3V3));
Tj < 125 °C
-
-
100
mA
VI
input voltage
pin configured to provide
a digital function
[5][6][7]
[8]
0
-
5.5
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-level input
voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = −4 mA
[9] VDD(3V3) −
0.4
-
-
V
VOL
LOW-level output
voltage
IOL = −4 mA
[9] -
-
0.4
V
IOH
HIGH-level output
current
VOH = VDD(3V3) − 0.4 V
[9]
−4
-
-
mA
IOL
LOW-level output
current
VOL = 0.4 V
[9] 4
-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH = 0 V
[10] -
-
−45
mA
IOLS
LOW-level short-circuit
output current
VOL = VDDA
[10] -
-
50
mA
Ipd
pull-down current
VI = 5 V
[11] 10
50
150
μA
Ipu
pull-up current
VI = 0 V
−15
−50
−85
μA
VDD(3V3) < VI < 5 V
[11] 0
0
0
μA
I2C-bus pins (P0[27] and P0[28])
VIH
HIGH-level input
voltage
0.7VDD(3V3) -
-
V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -
V
VOL
LOW-level output
voltage
IOLS = 3 mA
[9] -
-
0.4
V
ILI
input leakage current
VI = VDD(3V3)
[12] -
2
4
μA
VI = 5 V
-
10
22
μA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
−0.5
1.8
1.95
V
Vo(XTAL2)
output voltage on pin
XTAL2
−0.5
1.8
1.95
V
Vi(RTCX1)
input voltage on pin
RTCX1
−0.5
1.8
1.95
V
Vo(RTCX2)
output voltage on pin
RTCX2
−0.5
1.8
1.95
V
Table 5.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com