Electronic Components Datasheet Search
  English  ▼

X  

LPC2361 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2361
Description  Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2361 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2361 Datasheet HTML 45Page - NXP Semiconductors LPC2361 Datasheet HTML 46Page - NXP Semiconductors LPC2361 Datasheet HTML 47Page - NXP Semiconductors LPC2361 Datasheet HTML 48Page - NXP Semiconductors LPC2361 Datasheet HTML 49Page - NXP Semiconductors LPC2361 Datasheet HTML 50Page - NXP Semiconductors LPC2361 Datasheet HTML 51Page - NXP Semiconductors LPC2361 Datasheet HTML 52Page - NXP Semiconductors LPC2361 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
LPC2361_62_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2010
49 of 57
NXP Semiconductors
LPC2361/62
Single-chip 16-bit/32-bit MCU
13.2 XTAL1 input
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mVrms is needed. For more details see the LPC23xx User
manual UM10211.
Fig 18. LPC2361/2362 USB host port configuration
USB_UP_LED
USB_D+
USB_D
−
USB_PWRD
15 k
Ω
15 k
Ω
LPC2361/62
USB-A
connector
33
Ω
33
Ω
002aad967
VDD
USB_OVRCR
USB_PPWR
LM3526-L
ENA
IN
5 V
FLAGA
OUTA
VDD
D+
D
−
VBUS
VSS
Fig 19. LPC2361/2362 USB device port configuration
LPC2361/62
USB-B
connector
33
Ω
33
Ω
002aad968
USB_UP_LED
USB_CONNECT
VDD
VDD
D+
D
−
USB_D+
USB_D
−
VBUS
VBUS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com