Electronic Components Datasheet Search
  English  ▼

X  

LPC2361 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2361
Description  Single-chip 16-bit/32-bit MCU; up to 128 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2361 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2361 Datasheet HTML 8Page - NXP Semiconductors LPC2361 Datasheet HTML 9Page - NXP Semiconductors LPC2361 Datasheet HTML 10Page - NXP Semiconductors LPC2361 Datasheet HTML 11Page - NXP Semiconductors LPC2361 Datasheet HTML 12Page - NXP Semiconductors LPC2361 Datasheet HTML 13Page - NXP Semiconductors LPC2361 Datasheet HTML 14Page - NXP Semiconductors LPC2361 Datasheet HTML 15Page - NXP Semiconductors LPC2361 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
LPC2361_62_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2010
12 of 57
NXP Semiconductors
LPC2361/62
Single-chip 16-bit/32-bit MCU
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a DAC input,
digital section of the pad is disabled.
P4[28]/MAT2[0]/
TXD3
82[1]
I/O
P4[28] — General purpose digital input/output pin.
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/MAT2[1]/
RXD3
85[1]
I/O
P4[29] — General purpose digital input/output pin.
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
TDO
1[1]
O
TDO — Test Data out for JTAG interface.
TDI
2[1]
I
TDI — Test Data in for JTAG interface.
TMS
3[1]
I
TMS — Test Mode Select for JTAG interface.
TRST
4[1]
I
TRST — Test Reset for JTAG interface.
TCK
5[1]
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄
6 of the
CPU clock (CCLK) for the JTAG interface to operate
RTCK
100[1]
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2[9:0]) to operate
as trace port after reset.
RSTOUT
14
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates LPC2361/2362 being in
Reset state.
RESET
17[7]
I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
22[8][9]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
23[8][9]
O
Output from the oscillator amplifier.
RTCX1
16[8]
I
Input to the RTC oscillator circuit.
RTCX2
18[8]
O
Output from the RTC oscillator circuit.
VSS
15, 31,
41, 55,
72, 97,
83[10]
I
ground: 0 V reference.
VSSA
11[11]
I
analog ground: 0 V reference. This should nominally be the same voltage as VSS,
but should be isolated to minimize noise and error.
VDD(3V3)
28, 54,
71,
96[12]
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
VDD(DCDC)(3V3)
13, 42,
84[13]
I
3.3 V DC-to-DC converter supply voltage: This is the supply voltage for the
on-chip DC-to-DC converter only.
VDDA
10[14]
I
analog 3.3 V pad supply voltage: This should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error. This voltage is used to
power the ADC and DAC.
VREF
12[14]
I
ADC reference: This should be nominally the same voltage as VDD(3V3) but should
be isolated to minimize noise and error. Level on this pin is used as a reference for
ADC and DAC.
VBAT
19[14]
I
RTC power supply: 3.3 V on this pin supplies the power to the RTC peripheral.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com