Electronic Components Datasheet Search
  English  ▼

X  

D3M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3M
Description  Subminiature Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3M Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3M Datasheet HTML 1Page - Omron Electronics LLC D3M Datasheet HTML 2Page - Omron Electronics LLC D3M Datasheet HTML 3Page - Omron Electronics LLC D3M Datasheet HTML 4Page - Omron Electronics LLC D3M Datasheet HTML 5Page - Omron Electronics LLC D3M Datasheet HTML 6Page - Omron Electronics LLC D3M Datasheet HTML 7Page - Omron Electronics LLC D3M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
58
Subminiature Snap Action Switch
D3M
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate.
3. For the pin plunger models, the above values apply for use at the free position and total travel position. For the lever models, they apply
at the total travel position. Contact opening or closing time is within 1 ms.
4. The electrical ratings apply under the following test conditions: Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 op-
erations/min.
■ Approved Standards
UL Recognized/CSA Certified
EN61058-1 (TÜV Rheinland approval)
Testing conditions: 1E5 (100,000 operations), T85 (0
°C to 85°C)
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
(λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Engineering Data
■ Mounting Holes
All switches may be panel mounted using M2.3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.23 to 0.26 N·m.
■ Contact Form
Electrical Rating (See note 4)
0.1 A at 30 VDC, resistive
Operating speed
0.1 mm/s to 1 m/s (pin plunger models)
Operating frequency
Mechanical: 400 operations/minute max.
Electrical: 30 operations/minute max.
Insulation resistance
100 M
Ω min. at 500 VDC
Contact resistance
100 m
Ω max. including connector and 50-mm AWG28 lead wire resistance
Dielectric strength (See note 2)
1,000 VAC at 50/60 Hz for 1 minute between terminals of the same polarity
1,500 VAC at 50/60 Hz for 1 minute between charged metal part and ground
1,500 VAC at 50/60 Hz for 1 minute between non-charged metal part and each terminal
Vibration resistance (See note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (See note 3)
Destruction: 1,000 m/s2 (approx. 100G) max.
Malfunction: 300 m/s2 (approx. 30G) max.
Degree of protection
IEC IP40
Degree of protection against electric shock Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25
°C to 85°C (at 60% RH max) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Life expectancy
Mechanical: 500,000 operations at 60 operations/minute
Electrical: 200,000 operations at 30 operations/minute
Weight
Approx. 2 g (pin plunger model)
Rated voltage
D3M
30 VDC
0.1 A
Rated voltage
D3M
30 VDC
0.1 A
Item
Specification
Specification
Crossbar
Material
Gold alloy
Contact gap
0.5 mm
Inrush current
1 A max.
Minimum applicable load
(see note)
1 mA at 5 VDC
Two, 2.4-dia. mounting hole or M2.3 screw hole
9.5
±0.1
SPST-NC
SPST-NO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com