Electronic Components Datasheet Search
  English  ▼

X  

D3M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D3M
Description  Subminiature Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3M Datasheet(HTML) 3 Page - Omron Electronics LLC

  D3M Datasheet HTML 1Page - Omron Electronics LLC D3M Datasheet HTML 2Page - Omron Electronics LLC D3M Datasheet HTML 3Page - Omron Electronics LLC D3M Datasheet HTML 4Page - Omron Electronics LLC D3M Datasheet HTML 5Page - Omron Electronics LLC D3M Datasheet HTML 6Page - Omron Electronics LLC D3M Datasheet HTML 7Page - Omron Electronics LLC D3M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Subminiature Snap Action Switch
D3M
59
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction(
)
Pin Plunger Models
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components.
Contact: SXA-001T-P0.6
Housing: XAP-02V-1
(see note 2)
(see note 1)
(see note 2)
2.5 dia.
2.35
dia.
+0.1
–0.05
D3M-01
D3M-01-3
OP
FP
A
7.7
29.2
(31.6)
5.7
10
7.6
±0.1
9.5
2.5
3.5
(7.2)
7
+0.1
–0.05
2.35
OF max
153 gf
RF min.
25 gf
PT max.
0.6 mm
OT min.
0.4 mm
MD max.
0.1 mm
OP
8.4
± 0.3 mm
Hinge Lever Models (K)
Stainless steel (t = 0.3)
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components.
Contact: SXA-001T-P0.6
2.5 dia.
(see note 2)
(see note 2)
(see note 1)
2.35
dia.
+0.1
–0.05
D3M-01K1
D3M-01K1-3
OP
FP
A
Housing: XAP-02V-1
10
7.7
+0.1
–0.05
2.35
29.2
(31.6)
5.7
±0.1
9.5
12.9
18.2
2.5
3.6
(7.2)
7
OF max
51 gf
RF min.
6 gf
OT min.
1.2 mm
MD max.
0.8 mm
FP max.
14.0 mm
OP
10.0
± 0.8 mm
Hinge Lever Models (L)
Stainless steel (t = 0.3)
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components.
Contact: SXA-001T-P0.6
Housing: XAP-02V-1
2.5 dia.
(see note 1)
(see note 2)
2.35
dia.
+0.1
–0.05
(see note 2)
D3M-01L1
D3M-01L1-3
FP
OP
A
10
7.7
+0.1
–0.05
2.35
29.2
(31.6)
5.7
±0.1
9.5
18.2
2.4
2.5
3.6
(7.2)
7
OF max
102 gf
RF min.
10 gf
OT min.
0.7 mm
MD max.
0.6 mm
FP max.
11.5 mm
OP
9.2
± 0.6 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com