Electronic Components Datasheet Search
  English  ▼

X  

D3M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D3M
Description  Subminiature Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3M Datasheet(HTML) 4 Page - Omron Electronics LLC

  D3M Datasheet HTML 1Page - Omron Electronics LLC D3M Datasheet HTML 2Page - Omron Electronics LLC D3M Datasheet HTML 3Page - Omron Electronics LLC D3M Datasheet HTML 4Page - Omron Electronics LLC D3M Datasheet HTML 5Page - Omron Electronics LLC D3M Datasheet HTML 6Page - Omron Electronics LLC D3M Datasheet HTML 7Page - Omron Electronics LLC D3M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
60
Subminiature Snap Action Switch
D3M
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction(
)
Hinge Roller Lever Models (K)
4.8 dia.
3.2
polyacetal
resin roller
Stainless steel (t = 0.3)
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components.
Contact: SXA-001T-P0.6
Housing: XAP-02V-1
2.5 dia.
(see note 2)
(see note 2)
(see note 1)
OP
FP
2.35
dia.
+0.1
–0.05
D3M-01K2
D3M-01K2-3
A
10
7.7
+0.1
–0.05
2.35
29.2
(31.6)
5.7
±0.1
9.5
12.9
3.8
17.9
2.5
(7.2)
7
OF max
51 gf
RF min.
6 gf
OT min.
1.2 mm
MD max.
0.8 mm
FP max.
19.7 mm
OP
15.7
± 0.8 mm
Hinge Roller Lever Models (L)
4.8 dia.
3.2 polyacetal
Stainless steel (t = 0.3)
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components.
Contact: SXA-001T-P0.6
Housing: XAP-02V-1
2.5 dia.
(see note 2)
(see note 2)
(see note 1)
2.35
dia.
+0.1
–0.05
D3M-01L2
D3M-01L2-3
OP
FP
A
10
7.7
+0.1
–0.05
2.35
29.2
(31.6)
5.7
±0.1
9.5
2.4
17.9
3.8
2.5
(7.2)
7
resin roller
OF max
102 gf
RF min.
10 gf
OT min.
0.7 mm
MD max.
0.6 mm
FP max.
17.2 mm
OP
14.9
± 0.6 mm
Simulated Roller Lever Models (K)
Stainless steel (t = 0.3)
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components
Contact: SXA-001T-P0.6
Housing: XAP-02V-1
2.5 dia.
(see note 2)
(see note 2)
(see note 1)
2.35
dia.
+0.1
–0.05
D3M-01K3
D3M-01K3-3
OP
FP
A
10
7.7
+0.1
–0.05
2.35
29.2
(31.6)
5.7
±0.1
9.5
12.9
2.5
(7.2)
7
3.6
19.2
OF max
51 gf
RF min.
6 gf
OT min.
1.2 mm
MD max.
0.8 mm
FP max.
16.2 mm
OP
12.2
± 0.8 mm
Simulated Roller Lever Models (L)
Stainless steel (t = 0.3)
Note: 1.
The terminals connect to JST’s Dipole XA Connector.
2.
The Dipole XA Connector consists of the following components.
Contact: SXA-001T-P0.6
Housing: XAP-02V-1
2.5 dia.
(see note 2)
(see note 1)
2.35
dia.
+0.1
–0.05
(see note 2)
D3M-01L3
D3M-01L3-3
OP
FP
A
10
7.7
+0.1
–0.05
2.35
29.2
(31.6)
5.7
±0.1
9.5
19.2
2.5
(7.2)
7
2.4
OF max
102 gf
RF min.
10 gf
OT min.
0.7 mm
MD max.
0.6 mm
FP max.
13.6 mm
OP
11.3
± 0.6 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com