Electronic Components Datasheet Search
  English  ▼

X  

PAC7301 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAC7301
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7301 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAC7301 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
9
VDDMA5
PWR
5V power for video analog circuit
10 VDDA33
BYPASS Analog power output 3.3V(for 2.5 regulator use)
11 VDDAY
BYPASS Analog power for sensor array 2.5V
12 VDDAYM
BYPASS Analog power for sensor CDS 2.5V
13 VDDA
BYPASS Analog power for Video PGA/ADC 2.5V
14 VSSA
GND
Analog ground
15 KEY#
IN
Snapshot control signal (Active Low, internal pull-up 100Kohm)
16 DP
I/O
DP for USB1.1 PHY
17 DN
I/O
DN for USB1.1 PHY
18 OSC_IN
IN
Crystal input
19 OSC_OUT
OUT
Crystal output
20 VDDQ
BYPASS Power for I/O and PHY, 3.3V
21 VDDMD5
PWR
5V power for digital circuit
22 VDDD
BYPASS Logic power for digital circuit, 1.8V
23 VSSQ
GND
Digital Ground for I/O and PHY, digital core.
24 EPR_EN
IN
EEPROM enable pin active high
25 LED
OUT
LED driver
26 NC
-
No Connection
27 NC
-
No Connection
28 VSSQ
GND
Digital Ground for I/O and PHY, digital core.
29 GPI1
IN
General purpose input pin
30 RESET#
IN
Chip power up reset
4. Block Diagram
PAC7301/PAC7302 is a USB PC Camera SOC with enhanced image quality and sensitivity, internal regulators,
JPEG image compression, image processing schemed, control registers, on-chip SRAM for image data buffer and
USB controller. All register parameters are set by USB interface. And the JPEG compressed image data is
transmitted by USB 1.1 isochronous pipe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com