Electronic Components Datasheet Search
  English  ▼

X  

PAC7301 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # PAC7301
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7301 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button PAC7301 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 17Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 18Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 19Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 20Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 21Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 22Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
19
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
8. Reference Application Circuit
8.1 PLCC(11.43x11.43)Package(PAC7302PE)
R6
10k
C14
10uF
C10
0.1uF_N.M.
C15
0.1uF
Open
Open
.
Short
C12
0.1uF
VDDA
VDDMA5_AUD
Y1
12MHz
C31
10uF
C30
0.1uF_N.M.
R22
0
C25
1uF
Open
.
Open
VDDMD5
VDDMD5
VDDQ
L1
3.3uH
R16
10M
R18
0 or 3.3uH
EPR_CS
R27
0
C6
0.1uF
.
DN
VDDA33
R23
0
PID
VDDMIC28
VDDA
VDDQ
EPR_DO
VDDADC33
+
C32
22uF
C26
0.1uF_N.M.
VDDMA5_AUD
+
C19
10uF
R13
10K_N.M.
PAC7302 PID IO_TRAP
R15
R8
2.2k
2620
MIC_P
R11
1.5K
C9
1uF
R10
27
R12
10K_N.M.
L2
3.3uH
C13
1uF
2628
R14
10K_N.M.
C22
0.1uF
U2
PAC7301/7302PE
1
2
3
4
5
21
22
23
24
25
26
27
28
29
30
43
44
45
46
47
48
20
6
19
MIC_N
VSSA_AUDIO
VDDADC33
GPI3
GPO1
AUD_EnH
VSSQ
VDDD
VDDMD5
VDDQ
OSC_OUT
OSC_IN
DN
DP
NC
NC
VDDMA5_AUD
VDDPGA33
VCOM
VDDMIC28
MIC_P
EPR_EN
NC
NC
C2
2.2uF
.
C5
10pF
R1
1k
C8
1uF
C27
10uF_N.M.
VDDMA5
C23
0.1uF
C21
10uF_N.M.
EPR_DI
OSC_OUT
OSC_IN
C1
1uF
VDDMD5
VDDPGA33
.
Short
C18
1uF
USBGND
R9
27
R12
C3
10pF
VDDAY
R19
0 or 3.3uH
Open
EPR_SK
R14
C20
10uF_N.M.
Short
2621
R5
10k
Short
DP
VDDMIC28
C24
10uF
R2
300k
C16
10uF
(Def ault)
VDDMA5_AUD
.
VDDMA5
VCOM
D1
LED-0603
R17
0 or 3.3uH
VDD_5V
VDD5V
C11
22uF
R15
10K_N.M.
C17
1uF
Short
VSSA_Audio
C4
2.2uF
R29 0
C29
4.7nF/250V
Short
262F
L4
short
R3
2.2k
R7
1M
VDDQ
R13
Open
VDD_5V
R26
5.1k
VDDPGA33
VDDD
R25 0
PID IO_TRAP
C28
10uF
Open
VDDD
VSSQ
262E
L3
short
U3
KEY
MIC_N
CON1
MINI USB 5P
6
9
7
8
HC1
HC4
HC2
HC3
Open
VDDADC33
X1
MICROPHONE
Open
Short
USBGND
DP
VSSA
Open
VDDAY M
R28
100k
Open
C7
10uF
Short
Short
VDDAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com