Electronic Components Datasheet Search
  English  ▼

X  

PAC7301 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC7301
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7301 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC7301 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7301 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
1
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
PAC7302 VGA Output PC Camera SOC with Audio
PAC7301 VGA Output PC Camera SOC without Audio
General Description
The PAC7301/PAC7302 is a VGA output PC Camera SOC with embedded CMOS image sensor and
USB 1.1 interface. It embedded a JPEG image compression engine and an image signal processor
(ISP). The JPEG decoder and auto exposure control are performed by software in PC side. The
PAC7301/PAC7302 can achieve a compact module size by using it’s 1/6” optical size which can easily
be embedded in LCD monitors and notebooks. The chip provides IO-trapping pins with internal pull-up
resistors. Hence it is flexible for customers to set PID on module PCB. It supports an interface connect
to a serial-EEPROM. When the EEPROM function is enabled, the internal control register setting will
be auto loaded to the external EEPROM. This allows customization of VID, PID, product string…etc.
PAC7301/PAC7302 also provide a high quality audio ADC function for sound recording. The audio-in
function complies with USB audio device class 1.0. The PAC7301/PAC7302 is powered by 5V and in
PLCC/CSP/LGA package
1. Feature
Embedded CMOS image sensor with VGA output
Frame rate up to 30fps@VGA for PC mode video
Embedded PixArt 3
rd generation ISP and JPEG compression engine
AEC/AGC/AWB automatic
On chip 10bit ADC for image date converter
External 12MHz crystal input
5 IO-trapping pins to set USB PID
Support video data transfer through USB isochronous transfer
Snapshot and LED control function
Built-in EEPROM controller for customized VID, PID etc
USB1.1 compliance and support USB suspend mode
Embedded audio function (PAC7301/PAC7302)
-- 10bits ADC for audio recording through microphone,
-- sampling rate @ 16K/48KHz, 16bits PCM format
-- USB audio device class 1.0 compatible
On chip regulator(LDO) for internal use
5V single power supply
Frame rate up to 30fps at following resolution format
.. VGA format (640x480) with JPEG compression
.. CIF format (352x288) with JPEG compression
.. QVGA format (320x240) with JPEG compression
.. QCIF format (176x144) without compression
.. QQVGA format (160x120) without compression
2. Ordering Information
Order number
Package Type
Package Size(mm)
PAC7302PE
48-pin PLCC
11.43 x 11.43
PAC7302PM
40-pin PLCC
9.0x9.0
PAC7301/PAC73
02LT
35-pin CSP
3.95x3.95
PAC7302LG
30-pin LGA
3.95x3.95


Similar Part No. - PAC7301

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAC7311CS PIXART-PAC7311CS Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAC7311PE PIXART-PAC7311PE Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7312CS PIXART-PAC7312CS Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
More results

Similar Description - PAC7301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
VGA & CIF USB PC Camera Controller
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
logo
List of Unclassifed Man...
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
VGA & CIF USB PC Camera Controller
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
Advantech Co., Ltd.
PCM-3342 ADVANTECH-PCM-3342 Datasheet
311Kb / 2P
x86 SoC PC/104 with VGA, LCD, LAN, USB, SATA, CF, PC/104
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7332 PIXART-PAC7332 Datasheet
862Kb / 8P
VGA PC Camera Single-Chip with Audio
PAC7352 PIXART-PAC7352 Datasheet
1Mb / 12P
PAC7352 USB 2.0 VGA Camera SoC
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
Full-HD IP Camera SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com