Electronic Components Datasheet Search
  English  ▼

X  

PAP7501V Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAP7501V
Description  USB2.0 PC Camera Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAP7501V Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAP7501V Datasheet HTML 4Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 5Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 6Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 7Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 8Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 9Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 10Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 11Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 12Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PixArt Imaging Inc.
PAP7501V
USB2.0 Camera
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
8
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.1 May. 2008
4.6 Packing Information
Anti-static PP band
Tray (11 pcs)
Static Shielding Bag
PART NO. :
LOT NO.
:
QTY
:
QA
:
Label
PACKING BOX
ELECTROSTATIC
SENSITIVE
DEVICES
CAUTION LABEL
One packing box capacity
One packing box
4900 units
Remark
( 490 units x 10 Trays)
Tray durable temperature = 150℃
Note: 1. When the units is out of dry packing, should be operation at :
Temperature = ↓30℃ , Humidity = ↓60% RH
2. If units is out of dry packing over 168 hrs, before go through infrared
reflow process must be bake with 125℃ ±5℃ @24hrs, to remove
the moisture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com