Electronic Components Datasheet Search
  English  ▼

X  

PAP7501V Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAP7501V
Description  USB2.0 PC Camera Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAP7501V Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAP7501V Datasheet HTML 1Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 2Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 3Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 4Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 5Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 6Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 7Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 8Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PixArt Imaging Inc.
PAP7501V
USB2.0 Camera
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.1 May. 2008
3. Specifications
Absolute Maximum Ratings
Exceeding the Absolute Maximum Ratings shown below invalidates all AC and DC electrical specifications and may result
in permanent device damage.
Symbol
Parameter
Min
Max
Unit
Notes
TSTG
Ambient storage temperature
-25
125
°C
VDD
DC supply voltage
-0.5
5.5
V
VIN
DC input voltage
0.5
3.8
V
VOUT
DC output voltage
-0.5
3.8
V
ESD
ESD Rating, Human Body model
2
kV
Recommend Operating Condition
Symbol
Parameter
Min
Typ.
Max
Unit
Notes
Operation
-10
-
70
°C
TA
Temperature
Range
Stable Image
0
-
50
°C
VDD
Power supply voltage
4.5
5.0
5.5
V
FCLK
System clock frequency
-
12.0
-
MHz
DC Electrical Characteristics (Typical values at 25°C, VDD =5.0V, FCLK=12.0MHz)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Type: PWR
IDD
Operating Current
-
70
-
mA
@30 frame/sec
IPWDN
Power Down current
500u
Type: IN & I/O, Reset
VIH
Input voltage HIGH
1.9
-
V
VIL
Input voltage LOW
-
1.3
V
Type: OUT & I/O
VOH
Output voltage HIGH
0.9 x
VDD33Q
-
-
V
VOL
Output voltage LOW
-
-
0.1 x
VDD33Q
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com