Electronic Components Datasheet Search
  English  ▼

X  

PAP7501V Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAP7501V
Description  USB2.0 PC Camera Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAP7501V Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAP7501V Datasheet HTML 1Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 2Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 3Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 4Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 5Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 6Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 7Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 8Page - Pixart Imaging Inc. PAP7501V Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAP7501V
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
1
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.1 May. 2008
PAP7501V USB2.0 PC Camera Controller
General Description
The PAP7501V High-Speed USB2.0 Camera Controller is a highly integrated and cost-effective solution for
USB2.0 PC-Camera based applications. It is fully compliant with USB Video Class 1.1 and USB audio class 1.0
standard.Internal controller can be power-up loaded from external EEPROM. This allows customization of VID,
PID, product string, sensor parameters…etc.
Key Specification
Supply Voltage
5.0V ± 10%
Resolution
Up to 640 (H) x 480 (V)
Frame Rate
Up to 30fps
System Clock
12MHz
Power consumption
<100mA
Features
.USB Features
USB 2.0 and 1.1 compliance(high speed and full
speed transceiver).
USB video class 1.1 compliance.
USB audio class 1.0 compliance.
.Micro Controller Features
Built-in 8 bit micro controller with 40K-byte of mask
ROM and 24K-byte SRAM.
Firmware supports AE, AWB, and USB protocol.
Programmable codes uploaded from serial
EEPROM/Flash.
.Sensor Controller Features.
Support up to VGA CMOS image sensors.
Support 8 bit raw image data or YUV2 input from
CMOS sensor.
On chip color processor engine.
Built-in MJPEG encoder.
Support 2 wires serial interface for sensor control.
. Audio Controller Features
Audio interface: -Built in 10 bit mono audio ADC for
audio recording through microphone.
-Sampling rate @16/48kHZ, resolution 16 bits format.
Recording, mute and volume control.
. Miscellaneous Features
Power consumption: < 100mA
USB 5V power in, on-chip 3.3V regulator for IO PAD
and PHY, on-chip 1.8V regulator for core logic.
Ordering Information
Order number
Package Type
Package Size(mm)
PAP7501V
48-pin QFN
5.53 x 5.53


Similar Part No. - PAP7501V

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PAP ALTECH-PAP Datasheet
203Kb / 1P
Padlock for 30 mm projecting actuator
logo
List of Unclassifed Man...
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
311Kb / 15P
PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-02V-S ETC2-PAP-02V-S Datasheet
366Kb / 11P
FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - PAP7501V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
VGA & CIF USB PC Camera Controller
logo
NEC
UPD720101 NEC-UPD720101 Datasheet
406Kb / 36P
USB2.0 HOST CONTROLLER
logo
List of Unclassifed Man...
MX88L60UC ETC-MX88L60UC Datasheet
261Kb / 23P
DUAL-MODE PC CAMERA CONTROLLER
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
VGA & CIF USB PC Camera Controller
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
USB2.0 Flash Controller
logo
GENESYS LOGIC
GL860 GENESYS-GL860 Datasheet
266Kb / 24P
USB 2.0 PC Camera Controller
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
USB2.0 Hub Controller
M5603C ETC2-M5603C Datasheet
89Kb / 1P
HIGH-SPEED USB2.0 VIDEO CAMERA CONTROLLER
logo
STMicroelectronics
VL6522 STMICROELECTRONICS-VL6522 Datasheet
276Kb / 35P
VGA resolution USB2.0 web camera sensor
05-Jul-2007
logo
Renesas Technology Corp
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
ASSP (USB2.0 Peripheral Controller)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com