Electronic Components Datasheet Search
  English  ▼

X  

PAS302BCW-22S Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS302BCW-22S
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS302BCW-22S Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS302BCW-22S Datasheet HTML 1Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 2Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 3Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 4Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 5Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 6Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 7Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 8Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PAS302BCW-22S
CMOS Image Sensor IC
Version 2.4, 20 Sep. 2005
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
2
1. Pin Assignment
3
1
22
20
18
4
2
21
19
17
5
16
6
8
10
12
14
7
9
11
13
15
PAS302BCW-22S
PWDN
VSSA
VDDA
VREF
VDDD
VSYNC
HSYNC
VDDQ
PXCLK
RESET
SYSCLK
SDA
SCL
PX2
PX3
VSSD
PX9
PX7
PX8
PX6
PX5
PX4
-- Top View --
Figure 1.1. PAS302BCW-22S pin assignment
Pin No.
Name
Type
Description
1
VSSA
GND
Analog ground
2
VDDA
PWR
Analog VDD.
3
PWDN
IN
Power Down (chip power down when high)
4
VREF
IN
Internal voltage reference
5
VDDD
PWR
Digital VDD.
6
VSYNC
OUT
Vertical synchronization signal
7
HSYNC
OUT
Horizontal synchronization signal
8
PXCLK
OUT
Pixel clock output
9
VDDQ
PWR
Sensor VDD, 2.5V ~ 3.3V
10
SYSCLK
IN
Master clock input
11
RESET
IN
Resets all registers to their default values
(chip reset when high)
12
VSSD
GND
Digital ground
13
PX9
OUT
Digital data out
14
PX8
OUT
Digital data out
15
PX7
OUT
Digital data out
16
PX6
OUT
Digital data out
17
PX5
OUT
Digital data out
18
PX4
OUT
Digital data out
19
PX3
OUT
Digital data out
20
PX2
OUT
Digital data out
21
SCL
IN
2TM
IC
clock.
22
SDA
I/O
2TM
IC
data. Internal pull high resister is 10KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com