Electronic Components Datasheet Search
  English  ▼

X  

PAS302BCW-22S Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAS302BCW-22S
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS302BCW-22S Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAS302BCW-22S Datasheet HTML 1Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 2Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 3Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 4Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 5Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 6Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 7Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 8Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PAS302BCW-22S
CMOS Image Sensor IC
Version 2.4, 20 Sep. 2005
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
3
2. Block Diagram
Sensor Array
644x484
CDS
Column Decoder
F G
C G
G G
10-Bit
A/D
Timing Generator & Control Logic
Defect
Compensation
Digital Gain
Stage
DAC1
DAC2
Front Gain
Color Gain
Global Gain
3-Bit
x2 ~ x4
4-Bit
x1 ~ x2
4-Bit
x1 ~ x2
Companding
Figure 2.1. PAS302BCW-22S sensor block diagram
The PAS302BCW-22S is a 1/4” CMOS imaging sensor with 644x488 physical pixels. The active
region of sensor array is 644x484 as shown in Fig. 2.1. The sensor array is covered with Bayer
pattern color filters and micro-lens. The first pixel location <0,0> is programmable in 2 direction
(X and Y) and the default value is at the left-down side of sensor array.
After a programmable exposure time, the signals of image are sampled first with CDS
(Correlated Double Sampling) block to improve S/N ratio and reduce fixed pattern noise.
Three analog gain stages are implemented before signals are transferred to 10-Bit ADC. The
front gain stage (FG) can be programmed to fit the saturation level of sensor to the full-range
input of ADC. The programmable color gain stage (CG) is used to balance the luminance
response difference between B, G and R color. The global gain stage (GG) is programmed to
adapt the gain to the image luminance.
After three gain stages, the signals will be digitized by the on-chip 10-Bit ADC. After the image
data have been digitized, further adjustment to the signal can be applied before the data is
output to next stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com