Electronic Components Datasheet Search
  English  ▼

X  

PAS302BCW-22S Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAS302BCW-22S
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS302BCW-22S Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAS302BCW-22S Datasheet HTML 1Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 2Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 3Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 4Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 5Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 6Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 7Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 8Page - Pixart Imaging Inc. PAS302BCW-22S Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PAS302BCW-22S
CMOS Image Sensor IC
Version 2.4, 20 Sep. 2005
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
4
3. Function Description
3.1 Defect Compensation
The Defect Compensation block can detect the possible defect pixel and replace it with average
output of like-colored pixels from near side of defect pixel. There is no limitation capability of
defect pixel number. This function can be programmed to enable/disable by user.
3.2 Companding Curves
The companding function which means compressing and expanding is used to simulate the
gamma curve and do non-linear transformation before the data is output. There are 4 curves
selected by setting Register Compand_Sel as shown in Fig. 3.1. This function can be
programmed to enable/disable by user.
11,1111,1111
00,0xxx,xxxx 00,1xxx,xxxx
10,xxxx,xxxx
11,xxxx,xxxx
010
011
O/P ( 10-Bit)
I/P ( 10-Bit)
3
0
1
2
without companding
Figure 3.1 Companding curves programmed by Compand_EnH and Compand_Sel.
3.3 Power Down Mode
The PAS302BCW-22S can be powered down by setting register “Sw_PwrDn” = 1 or by enable
Pwdn pin. The register value will sustain in the power down mode. PAS302BCW-22S supports 2
power down modes:
Software power down:Set register “Sw_PwrDn” = 1 to power down all the internal block
except 2TM
IC
.
Hardware power down:Pull Pwdn pin to high to power down the chip. The chip will go into
standby mode.
3.4 Reset Mode
The PAS302BCW-22S can be reseted by setting register “Sw_Reset” = 1 or by enable Reset
pin. PAS302BCW-22S supports 2 reset modes:
Software reset:Set register “Sw_Reset” = 1 to reset all the 2TM
IC
registers.
Hardware reset:Pull Reset pin to high to reset the full chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com