Electronic Components Datasheet Search
  English  ▼

X  

PAW3401 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAW3401
Description  PS/2 OPTICAL MOUSE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3401 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAW3401 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PixArt Imaging Inc.
PAW3401
12 PIN PS/2 Optical Mouse Sensor
2.3 AC Operating Condition
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 5.0 V, FCLK =
24 MHz
Symbol Parameters
Min.
Typ.
Max. Unit
Notes
Tmca
Mouse CLK Active Time
-
40
-
us
Tmci
Mouse CLK Inactive Time
-
40
-
us
Tmdc
Time that Mouse Sample DATA from CLK Rising Edge
-
14
-
us
Tsca
System CLK Active Time
-
40
-
us
Tsci
System CLK Inactive Time
-
40
-
us
Tsdc
Time from DATA Transition to Falling Edge of CLK
-
12
-
us
Tscd
Time from Rising Edge of CLK to DATA Transition
-
28
-
us
Refer to Figure 6,7
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Dec. 2006
.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com