Electronic Components Datasheet Search
  English  ▼

X  

PAW3401 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAW3401
Description  PS/2 OPTICAL MOUSE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3401 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAW3401 Datasheet HTML 9Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 10Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 11Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 12Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 13Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 14Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 15Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 16Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 17Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
PixArt Imaging Inc.
PAW3401
12 PIN PS/2 Optical Mouse Sensor
9. Package Information
9.1 Package Outline Drawing
7
8
9
10
11
23
4
5
6
11.68
0.460
0.457
0.018
1.778
0.070
5.461
0.215
0.80
0.031
5.56
0.2189
5.080
0.200
4.826
0.190
123
4
5
6
7
8
9
10
11
12
1
4.55
0.179
6.223
0.245
1.42
0.056
10.16
0.400
5.08
0.200
1.02
0.040
0.254
0.010
3.20
0.126
14.22 +/- 0.2
0.560 +/-0.0079
NOTES:
1. All dimensions in MM/INCH.
2. Dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4.064
0.160
Max. 12
12
Figure 10. Package Outline Drawing
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Dec. 2006
.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com