Electronic Components Datasheet Search
  English  ▼

X  

PAW3401 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAW3401
Description  PS/2 OPTICAL MOUSE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3401 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAW3401 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3401 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PAW3401
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
PAW3401 PS/2 OPTICAL MOUSE SENSOR
General Description
The PAW3401 is a CMOS process optical mouse sensor single chip with PS/2 interface that serves as a non-
mechanical motion estimation engine for implementing a computer mouse.
Key Specification
Power Supply
Wide operating supply range
4.5V ~ 5.5V
Interface
PS/2
Optical Lens
1:1
System Clock
24 MHz
Speed
28 inches/sec
Acceleration
20g
Resolution
400/800/1000 CPI
Frame Rate
3000 frames/sec
Operating
Current
12 mA @Mouse moving (Normal)
5 mA @Mouse not moving (Sleep)
Package
Shrunk DIP12
Features
Single 5.0 volt power supply
Compatible with Microsoft Intelli 3D PS/2
and IBM PS/2 mouse
Precise optical motion estimation technology
Complete 2-D motion sensor
No mechanical parts
Accurate motion estimation over a wide
range of surfaces
High speed motion detection up to 28
inches/sec
High resolution up to 1000 CPI
Power saving mode during times of no
movement
Support three buttons (R, M, L) and three
axes (X, Y, Z)
Z axis support mechanical input
Internal ± 10% accurate oscillator, external
crystal-less
Ordering Information
Part Number
CPI
PAW3401DK
800
PAW3401DK-TD
400
PAW3401DK-TJ
1000
E-mail: fae_service@pixart.com.tw
V1.1, Dec. 2006


Similar Part No. - PAW3401

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
PS/2 OPTICAL MOUSE SOC
PAW3402DK PIXART-PAW3402DK Datasheet
336Kb / 15P
PS/2 OPTICAL MOUSE SOC
PAW3402DK-LH PIXART-PAW3402DK-LH Datasheet
336Kb / 15P
PS/2 OPTICAL MOUSE SOC
PAW3402DK-TJ PIXART-PAW3402DK-TJ Datasheet
336Kb / 15P
PS/2 OPTICAL MOUSE SOC
More results

Similar Description - PAW3401

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
USB & PS/2 Optical Mouse Controller
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
Optical Mouse Sensor
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
USB & PS/2 Optical Mouse Controller
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3401 PIXART-PAN3401 Datasheet
418Kb / 15P
PS/2 OPTICAL MOUSE SINGLE CHIP
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
PS/2 OPTICAL MOUSE SOC
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com