Electronic Components Datasheet Search
  English  ▼

X  

MY4 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # MY4
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button MY4 Datasheet HTML 4Page - Omron Electronics LLC MY4 Datasheet HTML 5Page - Omron Electronics LLC MY4 Datasheet HTML 6Page - Omron Electronics LLC MY4 Datasheet HTML 7Page - Omron Electronics LLC MY4 Datasheet HTML 8Page - Omron Electronics LLC MY4 Datasheet HTML 9Page - Omron Electronics LLC MY4 Datasheet HTML 10Page - Omron Electronics LLC MY4 Datasheet HTML 11Page - Omron Electronics LLC MY4 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
266
General-purpose Relay
MY
Accessories (order separately)
■ Track-mounted Screwless Clamp Terminal Sockets
Note: For complete specifications, see the datasheet at Omron's Knowledge Center on our website: www.knowledge.omron.com.
■ Sockets
■ Socket Specifications
Note: 1. The values given above are initial values.
2. The values for insulation resistance were measured at 500 V at the same place as the dielectric strength.
3. The maximum operating ambient temperature for the PYF08A-N and PYF14A-N is 55
°C.
4. When using the PYF08A-N or PYF14A-N at an operating ambient temperature exceeding 40
°C, reduce the current to 60%.
5. The MY2(S) can be used at 70
°C with a carry current of 7 A.
■ Socket Hold-down Clip Pairing
Item
Model
4-pole
2-pole
Socket
PYF14S
PYF08S
Clip & release lever
PYCM-14S
PYCM-08S
Nameplate
R99-11 Nameplate for MY
Socket bridge
PYDM-14SR
PYDM-14SB
PYDM-08SR
PYDM-08SB
Poles
Front-connecting
socket
(DIN-track/screw
mounting)
Back-connecting socket
Solder terminals
PCB terminals
Without clip
With clip
2
PYF08A-E
PY08
PY08-Y1
PY08-02
PYF08A-N
4
PYF14A-E
PY14
PY14-Y1
PY14-02
PYF14A-N
Item
Pole
Model
Carry current
Dielectric withstand
voltage
Insulation resistance
(see note 2)
Screwless clamp
terminal socket
2
PYF08S
10 A
2,000 VAC, 1 min
Less than 1,000 M
Ω
4
PYF14S
5 A
Track-mounted
socket
2
PYF08A-E
7 A
2,000 VAC, 1 min
1,000 M
Ω min.
PYF08A-N (see note 3)
7 A (see note 4)
4
PYF14A-E
5 A
PYF14A-N (see note 3)
5 A (see note 4)
Back-connecting
socket
2
PY08(-Y1)
7 A
1,500 VAC, 1 min
100 M
Ω min.
PY08-02
4
PY14(-Y1)
3 A
PY14-02
Relay type
Poles
Front-connecting socket
(DIN-track/screw mounting)
Back-connecting socket
Solder terminals
PCB terminals
Socket
Clip
Socket
Clip
Socket
Clip
Without 2-pole
test button
2
PYF08A-E
PYC-A1
PY08
PYC-P
PYC-P2
PY08-02
PYC-P
PYC-P2
PYF08A-N
Without 2-pole
test button
4
PYF14A-E
PYC-A1
PY14
PYC-P
PYC-P2
PY14-02
PYC-P
PYC-P2
PYF14A-N
2-pole test but-
ton
2
PYF08A-E
PYC-E1
PY08
PYC-P2
PY08-02
PYC-P2
PYF08A-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com