Electronic Components Datasheet Search
  English  ▼

X  

MY4 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # MY4
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button MY4 Datasheet HTML 11Page - Omron Electronics LLC MY4 Datasheet HTML 12Page - Omron Electronics LLC MY4 Datasheet HTML 13Page - Omron Electronics LLC MY4 Datasheet HTML 14Page - Omron Electronics LLC MY4 Datasheet HTML 15Page - Omron Electronics LLC MY4 Datasheet HTML 16Page - Omron Electronics LLC MY4 Datasheet HTML 17Page - Omron Electronics LLC MY4 Datasheet HTML 18Page - Omron Electronics LLC MY4 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
General-purpose Relay
MY
273
Spacer
PFP-S
■ Approved Standards
VDE Recognitions (File No. 112467UG, IEC 255, VDE 0435)
UL Recognized (File No. 41515)
CSA Certified (File No. LR31928)
IMQ (File No. EN013 to 016)
LR Recognitions (File No. 98/10014)
No. of poles
Coil ratings
Contact ratings
Operations
2
6, 12, 24, 48/50, 100/110
110/120, 200/220,
220/240 VAC
6, 12, 24, 48, 100/110,
125 VDC
10 A, 250 VAC (cos
φ=1)
10 A, 30 VDC (L/R=0 ms)
10 x 103
4
5 A, 250 VAC (cos
φ=1)
5 A, 30 VDC (L/R=0 ms)
100 x 103
MY4Z AC; 50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 30 VDC (general purpose), 40
°C
10 A, 250 VAC (general purpose), 40
°C
6 x 103
4
5 A, 30 VDC (general purpose), 40
°C (Same polarity)
5 A, 250 VAC (general purpose), 40
°C (Same polarity)
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 30 VDC
10 A, 250 VAC
6 x 103
4
5 A, 250 VAC (same polarity)
5 A, 30 VDC (same polarity)
No. of poles
Coil ratings
Contact ratings
Operations
2
6, 12, 24, 48/50, 100/110
110/120, 200/220,
220/240 VAC
6, 12, 24, 48, 100/110,
125 VDC
10 A, 30 VDC
10 A, 250 VAC
10 x 103
4
5 A, 250 VAC
5 A, 30 VDC
100 x 103
MY4Z AC; 50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 250 VAC (resistive)
2 A, 250 VAC (PF0.4)
10 A, 30 VDC (resistive)
2 A, 30 VDC (L/R=7 ms)
50 x 103
4
5 A, 250 VAC (resistive)
0.8 A, 250 VAC (PF0.4)
5 A, 30 VDC (resistive)
1.5 A, 30 VDC (L/R=7 ms)
50 x 103
5
16
12
44.3
16.5
34.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com