Electronic Components Datasheet Search
  English  ▼

X  

MY4 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # MY4
Description  General-purpose Relay
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button MY4 Datasheet HTML 12Page - Omron Electronics LLC MY4 Datasheet HTML 13Page - Omron Electronics LLC MY4 Datasheet HTML 14Page - Omron Electronics LLC MY4 Datasheet HTML 15Page - Omron Electronics LLC MY4 Datasheet HTML 16Page - Omron Electronics LLC MY4 Datasheet HTML 17Page - Omron Electronics LLC MY4 Datasheet HTML 18Page - Omron Electronics LLC MY4 Datasheet HTML 19Page - Omron Electronics LLC MY4 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
General-purpose Relay
MY
275
Examples of Applicable Wires (Confirmed Using Catalog Information)
■ Wiring
Use wires of the applicable sizes specified above. The length of the
exposed conductor should be 8 to 9 mm.
Use the following wiring procedure.
1. Insert the specified screwdriver into the release hole located
beside the wire connection hole where the wire is to be inserted.
2. Insert the exposed conductor into the wire connection hole.
3. Pull out the screwdriver.
Note: Use no more than 2 wires per terminal, 1 wire per hole.
Type of wire
Conductor type
See note 1, above.
Recommended wire sizes See note 2, above.
Equipment wire 2491X
Flexible
0.5, 0.75, 1.0 mm2
1.5 mm2
BS6004
Solid
0.5 mm2
Switchgear BS6231
Solid
1.0 mm2
1.5 mm2
Switchgear BS6231
Flexible
0.5, 0.75 mm2
1.0 mm2
Tri-rated control and switchgear
Flexible
0.5, 0.75, 1.0, 1.5 mm2
Conduit
Stranded
1.5 mm2
UL1007
Flexible
18AWG
16AWG
UL1015
Flexible
18AWG, 16AWG
UL1061
Flexible
18AWG
UL1430
Flexible
18AWG
16AWG
8 to 9 mm
Fig. 1 Exposed Conductor Length
Wire connection holes
Fig. 2 Wire Connection Holes and Release Holes
Release holes
Wire connection hole
Fig. 3 Section A-A of Fig. 2
Release hole
Screwdriver
Insert
Insert
Pull out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com