Electronic Components Datasheet Search
  English  ▼

X  

G3MB Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3MB
Description  Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3MB Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3MB Datasheet HTML 1Page - Omron Electronics LLC G3MB Datasheet HTML 2Page - Omron Electronics LLC G3MB Datasheet HTML 3Page - Omron Electronics LLC G3MB Datasheet HTML 4Page - Omron Electronics LLC G3MB Datasheet HTML 5Page - Omron Electronics LLC G3MB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Solid State Relay
G3MB
383
Solid State Relay
G3MB
Low cost Subminiature PCB mounting
2 amp Single in-line package (SIP) SSR
• Bottom is approximately 3 times smaller than G3M.
• Low cost “SIP” package switches up to 2A loads.
• Built in Snubber circuit and input resistor as option.
• Two footprints available for design flexibility.
• The G3MB-202PEG-4-DC20MA crosses directly to the
Motorola M0C2A-60 series power triac.
Ordering Information
NOT FOR NEW DESIGN. Discontinuation planned for April, 2010.
To Order: Specify input voltage at end of part number. Example: G3MB-202P-DC24
Note: 1. For versions without input voltage specified, a current limiting resistor must be placed in series with the input. See LED drive specifications
and recommendations.
2. TUV versions available. When ordering models certified by VDE (TUV), add “-UTU” to the model number given in the above table.
Isolation
Output
terminal
pitch
Zero
cross
Input
resistor
Built-in
snubber
circuit
Rated output
load
Rated
input
voltage
Model
Phototriac
7.62 mm
Yes
Yes
Yes
2 A at 100 to 240 VAC
5 VDC
G3MB-202P
12 VDC
24 VDC
No
2 A at 100 to 240 VAC
5 VDC
G3MB-202PL
12 VDC
24 VDC
5.08 mm
Yes
2 A at 100 to 240 VAC
5 VDC
G3MB-202P-4
12 VDC
24 VDC
No
2 A at 100 to 240 VAC
5 VDC
G3MB-202PL-4
12 VDC
24 VDC
Yes
No
No
2 A at 100 to 240 VAC
N/A *(See Note)
G3MB-202PEG-4-DC20MA
No
2 A at 100 to 240 VAC
N/A *(See Note)
G3MB-202PLEG-4-DC20MA


Similar Part No. - G3MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3MB ETC-G3MB Datasheet
154Kb / 5P
Solid State Relay
G3MB-102P ETC-G3MB-102P Datasheet
154Kb / 5P
Solid State Relay
G3MB-202 ETC-G3MB-202 Datasheet
154Kb / 5P
Solid State Relay
G3MB-202P ETC-G3MB-202P Datasheet
154Kb / 5P
Solid State Relay
G3MB-202PEG ETC-G3MB-202PEG Datasheet
154Kb / 5P
Solid State Relay
More results

Similar Description - G3MB

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com