Electronic Components Datasheet Search
  English  ▼

X  

G3MB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3MB
Description  Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3MB Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3MB Datasheet HTML 1Page - Omron Electronics LLC G3MB Datasheet HTML 2Page - Omron Electronics LLC G3MB Datasheet HTML 3Page - Omron Electronics LLC G3MB Datasheet HTML 4Page - Omron Electronics LLC G3MB Datasheet HTML 5Page - Omron Electronics LLC G3MB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Solid State Relay
G3MB
385
Note: Data shown are of initial value.
■ Characteristic Data
Dimensions
Unit: mm (inch)
■ Relays
Load current vs. ambient
temperature characteristics
Inrush current resistivity
One cycle, non-repetitive (Keep the inrush current
to half the rated value if it occurs repetitively.)
Ambient temperature (
°C)
Energized time (ms)
2.54
2.54
(
−) 4 3 (+) 2
1
1
2
3
4
1
Four, 1.0 dia.
INPUT
LOAD
"
−4" type
Models without "-4"
Models with "-4"
20.5 max.
20.5 max.
24.5 max.
5.5 max.
5.5 max.
24.5 max.
PCB Dimensions
(Bottom View)
Terminal Arrangement/
Internal Connections
(Bottom View)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com