Electronic Components Datasheet Search
  English  ▼

X  

G3MB Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3MB
Description  Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3MB Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3MB Datasheet HTML 1Page - Omron Electronics LLC G3MB Datasheet HTML 2Page - Omron Electronics LLC G3MB Datasheet HTML 3Page - Omron Electronics LLC G3MB Datasheet HTML 4Page - Omron Electronics LLC G3MB Datasheet HTML 5Page - Omron Electronics LLC G3MB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
384
Solid State Relay
G3MB
Specifications
■ Input Rating
Models with Input Resistor
Models without Input Resistor
■ Recommended LED Operating Conditions
Models without Input Resistor
■ Output Rating
■ Characteristics
Rated voltage
Operating range
Input impedance
(-UTU Models)
Voltage Levels
Must operate
voltage
Must release
voltage
5 VDC
4 to 6 VDC
440
Ω ±20% (300 Ω ±20%)
4 VDC max.
1 VDC min.
12 VDC
9.60 to 14.40 VDC
1k
Ω ±20% (750 Ω ±20%)
9.6 VDC max.
24 VDC
19.20 to 28.80 VDC
2.20k
Ω ±20% (1.6 kΩ ±20%)
19.2 VDC max.
Input specifications
Operating characteristics
Rated current
Continuous current
Must operate current
Must release current
Operating current
20 mA DC
20 mA DC
7 mA DC max.
1 mA DC min.
7 to 20 mA
LED forward current
50 mA max.
Repetitive peak LED forward current
1 A max.
LED reverse voltage
5 V max.
Min.
Standard
Max.
LED forward current
5 mA
10 mA
20 mA
Must drop voltage
0—
1 V
Model
Rated load voltage
Load voltage range
Load current
Surge current
G3MB-202
100 to 240 VAC, 50/60 Hz
75 to 264 VAC
0.10 to 2 A
30 A (60 Hz, 1 cycle)
Type
G3MB-202P
G3MB-202PEG
G3MB-202PL
G3MB-202PLEG
Operate time
1/2 of load power source
cycle + 1 ms max.
1 ms max.
Release time
1/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.60 V (RMS) max.
Leakage current
1.50 mA at 200 VAC
Non-repetitive peak surge
30 A
Output
PIV (VDRM)
600 V
di/dt
40 A/
μs
dv/dt
100 V/
μs
I2t
4 A2s
Junction temperature (Tj)
125
°C (257°F) max.
Insulation resistance
1,000 M
Ω min. at 500 VDC
Dielectric strength
2500 VAC, 50/60 Hz for 1 minute
Vibration
Malfunction
10 to 55 Hz, 0.75 mm (0.03 in) double amplitude
Shock
Malfunction
Approx. 1,000 m/s2 (approx. 100 G)
Ambient temperature Operating
-30
° to 80°C (-22° to 176°F) with no icing or condensation
Storage
-30
° to 100°C (-22° to 212°F) with no icing or condensation
Humidity
Operating
45% to 85% RH
Weight
Approx. 5 g (0.18 oz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com