Electronic Components Datasheet Search
  English  ▼

X  

G3PE Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G3PE
Description  Single-phase Solid State Relays for Heaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PE Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G3PE Datasheet HTML 3Page - Omron Electronics LLC G3PE Datasheet HTML 4Page - Omron Electronics LLC G3PE Datasheet HTML 5Page - Omron Electronics LLC G3PE Datasheet HTML 6Page - Omron Electronics LLC G3PE Datasheet HTML 7Page - Omron Electronics LLC G3PE Datasheet HTML 8Page - Omron Electronics LLC G3PE Datasheet HTML 9Page - Omron Electronics LLC G3PE Datasheet HTML 10Page - Omron Electronics LLC G3PE Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single-phase Solid State Relays for Heaters
G3PE
433
The SSR in operation may cause an unexpected accident.
Therefore it is necessary to test the SSR under the variety of
conditions that are possible. As for the characteristics of the SSR, it is
necessary to consider differences in characteristics between
individual SSRs.
The ratings in this catalog are tested values in a temperature range
between 15
°C and 30°C, a relative humidity range between 25% and
85%, and an atmospheric pressure range between 86 and 106 kPa.
It will be necessary to provide the above conditions as well as the load
conditions if the user wants to confirm the ratings of specific SSRs.
Causes of Failure
• Do not drop the G3PE or subject it to abnormal vibration or shock
during transportation or mounting. Doing so may result in
deterioration of performance, malfunction, or failure.
• Tighten each terminal to the torque specified below. Improper
tightening may result in abnormal heat generation at the terminal,
which may cause burning.
• Do not supply overvoltage to the input circuits or output circuits.
Doing so may result in failure or burning.
• Do not use or store the G3PE in the following conditions. Doing so
may result in deterioration of performance.
• Locations subject to static electricity or noise
• Locations subject to strong electric or magnetic fields
• Locations subject to radioactivity
Mounting
• The G3PE is heavy. Firmly mount the DIN Track and secure both
ends with End Plates for DIN Track mounting models. When
mounting the G3PE directly to a panel, firmly secure it to the panel.
Screw diameter:
M4
Tightening torque:
0.98 to 1.47 N·m
Note: Make sure that the load current is 50% of the rated load current
when the G3PE is mounted horizontally.
For details on close mounting, refer to the related information
under performance characteristics.
Mount the G3PE in a direction so that the markings read natu-
rally.
Wiring
• When using crimp terminals, refer to the terminal clearances
shown below.
• Make sure that all lead wires are thick enough for the current.
• For three-element and two-element models, the output terminal will
be charged even when the Relay is OFF. Touching the terminal
may result in electric shock. To isolate the Relay from the power
supply, install an appropriate circuit breaker between the power
supply and the Relay.
Always turn OFF the power supply before wiring the Unit.
• Terminal L2 and terminal T2 of a 2-element model are internally
connected to each other. Connect terminal L2 to the ground
terminal of the power supply.
If terminal L2 is connected to a terminal other than the ground
terminal, cover all the charged terminals, such as heater terminals,
to prevent electric shock and ground faults.
Fuses
• Use a quick-burning fuse on the output terminals to prevent
accidents due to short-circuiting. Use a fuse with equal or greater
performance than those given in the following table.
Recommended Fuse Capacity
Precautions for Correct Use
Terminals
Screw terminal diameter
Tightening torque
Input terminals
M3.5
0.59 to 1.18 N·m
Output
terminals
M4
0.98 to 1.47 N·m
M5
1.57 to 2.45 N·m
Panel
Vertical
Direction
Mounted on a
vertical surface
Panel
Mounted on a
horizontal surface
Rated G3PE output
current
Applicable SSR
Fuse
(IEC 60269-4)
15 A
G3PE
@15B Series
32 A
25 A
G3PE
@25B Series
35 A
G3PE
@35B Series
63 A
45 A
G3PE
@45B Series
7 mm
13 mm
10 mm
13 mm
12 mm
M4 (15 A, 25 A)
M5 (35 A, 45 A)
12.9 mm
12.4 mm
10 mm
7.0 mm
M3.5
15-A and 25-A Models
35-A and 45-A Models
M5 (35 A, 45 A)
M4 (15 A, 25 A)
Output Terminal Section for Three-phase Models
Output Terminal Section for Single-phase Models
Input Terminal Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com