Electronic Components Datasheet Search
  English  ▼

X  

G3PE Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3PE
Description  Single-phase Solid State Relays for Heaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PE Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3PE Datasheet HTML 1Page - Omron Electronics LLC G3PE Datasheet HTML 2Page - Omron Electronics LLC G3PE Datasheet HTML 3Page - Omron Electronics LLC G3PE Datasheet HTML 4Page - Omron Electronics LLC G3PE Datasheet HTML 5Page - Omron Electronics LLC G3PE Datasheet HTML 6Page - Omron Electronics LLC G3PE Datasheet HTML 7Page - Omron Electronics LLC G3PE Datasheet HTML 8Page - Omron Electronics LLC G3PE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single-phase Solid State Relays for Heaters
G3PE
427
Single-phase Solid State Relays for Heaters
G3PE
Slim Profile Industrial SSR with Heatsink
ideal for heater applications.
• Snubber circuit provides excellent short-term surge
absorption.
• 15A and 25A models have slim 22.5mm width.
• Zero cross or “fast turn on” models.
• DIN track or panel mounting possible.
• LED indicator standard on all single phase models.
• UL, CSA and TÜV approved.
• RoHS compliant.
Ordering Information
■ List of Models
* The applicable load current depends on the ambient temperature. For details, refer to Load Current vs. Ambient Temperature in the Engineering
Data section.
Refer to Safety Precautions
Number of
phases
Isolation
method
Operation
indicator
Rated input
voltage
Zero cross
function
Applicable load
*
Model
Single-phase
Phototriac
coupler
Yes (yellow)
12 to 24 VDC
Yes
15 A, 100 to 240 VAC G3PE-215B DC12-24
25 A, 100 to 240 VAC G3PE-225B DC12-24
35 A, 100 to 240 VAC G3PE-235B DC12-24
45 A, 100 to 240 VAC G3PE-245B DC12-24
No
15 A, 100 to 240 VAC G3PE-215BL DC12-24
25 A, 100 to 240 VAC G3PE-225BL DC12-24
35 A, 100 to 240 VAC G3PE-235BL DC12-24
45 A, 100 to 240 VAC G3PE-245BL DC12-24


Similar Part No. - G3PE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PE OMRON-G3PE Datasheet
2Mb / 24P
Solid State Relays for Heaters
G3PE-215B DC12-24 OMRON-G3PE-215B DC12-24 Datasheet
2Mb / 24P
Solid State Relays for Heaters
G3PE-215B-2 DC12-24 OMRON-G3PE-215B-2 DC12-24 Datasheet
2Mb / 24P
Solid State Relays for Heaters
G3PE-215B-2H DC12-24 OMRON-G3PE-215B-2H DC12-24 Datasheet
2Mb / 24P
Solid State Relays for Heaters
G3PE-215B-2N DC12-24 OMRON-G3PE-215B-2N DC12-24 Datasheet
2Mb / 24P
Solid State Relays for Heaters
More results

Similar Description - G3PE

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
Three Phase Solid State Relays
logo
Powersem GmbH
PSB1SJAA241028 POWERSEM-PSB1SJAA241028 Datasheet
125Kb / 2P
Single Phase Solid State Relays
PSB1SJAA481028 POWERSEM-PSB1SJAA481028 Datasheet
125Kb / 2P
Single Phase Solid State Relays
PSB1SJDA241000 POWERSEM-PSB1SJDA241000 Datasheet
125Kb / 2P
Single Phase Solid State Relays
PSB1SJDA481000 POWERSEM-PSB1SJDA481000 Datasheet
125Kb / 2P
Single Phase Solid State Relays
PSB20A1212528 POWERSEM-PSB20A1212528 Datasheet
104Kb / 2P
Single Phase Solid State Relays
PSB20A122528 POWERSEM-PSB20A122528 Datasheet
101Kb / 2P
Single Phase Solid State Relays
PSB20D1212500 POWERSEM-PSB20D1212500 Datasheet
103Kb / 2P
Single Phase Solid State Relays
PSB20D122500 POWERSEM-PSB20D122500 Datasheet
101Kb / 2P
Single Phase Solid State Relays
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
Solid State Relays for Heaters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com