Electronic Components Datasheet Search
  English  ▼

X  

G3PE Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3PE
Description  Single-phase Solid State Relays for Heaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PE Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3PE Datasheet HTML 1Page - Omron Electronics LLC G3PE Datasheet HTML 2Page - Omron Electronics LLC G3PE Datasheet HTML 3Page - Omron Electronics LLC G3PE Datasheet HTML 4Page - Omron Electronics LLC G3PE Datasheet HTML 5Page - Omron Electronics LLC G3PE Datasheet HTML 6Page - Omron Electronics LLC G3PE Datasheet HTML 7Page - Omron Electronics LLC G3PE Datasheet HTML 8Page - Omron Electronics LLC G3PE Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
428
Single-phase Solid State Relays for Heaters
G3PE
Specifications
■ Ratings
Input (at an Ambient Temperature of 25
°C)
Output
* The applicable load current depends on the ambient temperature. For details, refer to Load Current vs. Ambient Temperature
■ Characteristics
Item
Model
Rated voltage
Operating voltage range
Rated input current
Voltage level
Must operate voltage
Must release voltage
G3PE-
@@@B
12 to 24 VDC
9.6 to 30 VDC
7 mA max.
9.6 VDC max.
1.0 VDC max.
G3PE-
@@@BL
15 mA max.
Model
G3PE-215B(L) G3PE-225B(L) G3PE-235B(L) G3PE-245B(L)
Item
Rated load voltage
100 to 240 VAC (50/60 Hz)
Load voltage range
75 to 264 VAC (50/60 Hz)
Applicable load current
*
0.1 to 15 A
(at 40
°C)
0.1 to 25 A
(at 40
°C)
0.5 to 35 A
(at 25
°C)
0.5 to 45 A
(at 25
°C)
Inrush current
150 A
(60 Hz, 1 cycle)
220 A
(60 Hz, 1 cycle)
440 A
(60 Hz, 1 cycle)
Permissible I2t
(reference value)
121A2s
260A2s
1,260A2s
Applicable load
(resistive load)
3 kW
(at 200 VAC)
5 kW
(at 200 VAC)
7 kW
(at 200 VAC)
9 kW
(at 200 VAC)
Model
G3PE-215B
G3PE-225B
G3PE-235B
G3PE-245B
G3PE-215BL
G3PE-225BL
G3PE-235BL
G3PE-245BL
Item
Operate time
1/2 of load power source cycle + 1 ms max.
1 ms max.
Release time
1/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.6 V (RMS) max.
Leakage current
10 mA max. (at 200 VAC)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 to10 Hz, 0.375-mm single amplitude (0.75-mm double amplitude) (Mounted to DIN track)
Shock resistance
Destruction: 294 m/s2 (Mounted to DIN track)
Ambient storage temperature
−30 to 100°C (with no icing or condensation)
Ambient operating
temperature
−30 to 80°C (with no icing or condensation)
Ambient operating humidity
45% to 85%
Weight
Approx. 240 g
Approx. 400 g
Approx. 240 g
Approx. 400 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com