Electronic Components Datasheet Search
  English  ▼

X  

G3TC Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G3TC
Description  Solid State Relays for Industrial I/O
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G3TC Datasheet HTML 5Page - Omron Electronics LLC G3TC Datasheet HTML 6Page - Omron Electronics LLC G3TC Datasheet HTML 7Page - Omron Electronics LLC G3TC Datasheet HTML 8Page - Omron Electronics LLC G3TC Datasheet HTML 9Page - Omron Electronics LLC G3TC Datasheet HTML 10Page - Omron Electronics LLC G3TC Datasheet HTML 11Page - Omron Electronics LLC G3TC Datasheet HTML 12Page - Omron Electronics LLC G3TC Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Solid State Relays for Industrial I/O
G3TC
403
■ Approvals
UL Recognized (File No. E64562) / CSA Certified (File No. 35535) - - Ambient Temp. = 40
°C
Input
Output
Note: The rated values approved by each of the safety standards (e.g., UL, CSA and TUV) may be different from the performance characteristics
individually defined in this catalog.
25.4
7.6
7.6
10.16
22.86
27.94
43.2
1
2
3
4
1.0 dia.
G3TC-ODC5
G3TC-ODC5A
G3TC-ODC15 G3TC-ODC15A
G3TC-ODC24 G3TC-ODC24A
#4–40 Hold down screw
Model
Input voltage
G3TC-IAC5, -IAC15, -IAC24
90-140 V AC/DC
G3TC-IAC5A, -IAC15A, -IAC24A
180-280 V AC/DC
G3TC-IDC5, -IDC15, -IDC24
10-32 VDC, 12-32 VAC
G3TC-ODC5, -ODC5A, -OAC5, -OAC5A
5 VDC
G3TC-ODC15, -ODC15A, -OAC15,
-OAC15A
15 VDC
G3TC-ODC24, -ODC24A, -OAC24,
-OAC24A
24 VDC
Model
Load voltage
Load current
G3TC-IAC5, -IAC15, -IAC24
5/15/24 VDC
50 mA
G3TC-IAC5A, -IAC15A, -IAC24A
5/15/24 VDC
50 mA
G3TC-IDC5, -IDC15, -IDC24
5/15/24 VDC
50 mA
G3TC-ODC5, -ODC15, -ODC24
5-60 VDC
3 A
G3TC-ODC5A, -ODC15A,
-ODC24A
5-200 VDC
1 A
G3TC-OAC5, -OAC15, -OAC24
75-140 VAC
3 A
G3TC-OAC5A, -OAC15A, -OAC24A 75-280 VAC
3 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com