Electronic Components Datasheet Search
  English  ▼

X  

G3TC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3TC
Description  Solid State Relays for Industrial I/O
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3TC Datasheet HTML 1Page - Omron Electronics LLC G3TC Datasheet HTML 2Page - Omron Electronics LLC G3TC Datasheet HTML 3Page - Omron Electronics LLC G3TC Datasheet HTML 4Page - Omron Electronics LLC G3TC Datasheet HTML 5Page - Omron Electronics LLC G3TC Datasheet HTML 6Page - Omron Electronics LLC G3TC Datasheet HTML 7Page - Omron Electronics LLC G3TC Datasheet HTML 8Page - Omron Electronics LLC G3TC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
398
Solid State Relays for Industrial I/O
G3TC
Characteristics
Note: 1. Resistance values are reference.
2. The input module supplies the current on I/O circuit board at nominal ouput voltage.
3. At nominal output supply voltage, rated input voltage and 25
°C.
■ AC Output Module G3TC-OAC
Ratings (Ambient Temperature 25
°C)
Input
Output
Characteristics
Note: 1. Resistance values are reference.
2. The output module supplies the current on I/O circuit board at nominal input voltage.
3. At nominal output supply voltage, rated input voltage and 25
°C.
Item
G3TC-IDC5
G3TC-IDC15
G3TC-IDC24
Operate time (see note 3)
5 ms max.
Release time (see note 3)
5 ms max.
Output ON voltage drop
0.4 V max.
Leakage current
100
μA max.
Weight
Approx. 40g
Item
G3TC-OAC5
G3TC-OAC15
G3TC-OAC24
G3TC-OAC5A
G3TC-OAC15A
G3TC-OAC24A
Rated voltage
5 VDC
15 VDC
24 VDC
5 VDC
15 VDC
24 VDC
Operating voltage
2.5-8 VDC
9-16 VDC
18-32 VDC
2.5-8 VDC
9-16 VDC
18-32 VDC
Must operate
voltage
2.5 VDC max.
9 VDC max.
18 VDC max.
2.5 VDC max.
9 VDC max.
18 VDC max.
Must release
voltage
1 VDC min.
Input current at rated
voltage (see note 2)
18 mA max.
Control resistance (Rc
in circuit configuration
- see note 1)
240
Ω
1 k
Ω
2.2 k
Ω
240
Ω
1 k
Ω
2.2 k
Ω
Item
G3TC-OAC5
G3TC-OAC15
G3TC-OAC24
G3TC-OAC5A
G3TC-OAC15A
G3TC-OAC24A
Rated load voltage
120 VAC
240 VAC
Load voltage range
75-140 VAC
75-280 VAC
Load current
0.05 to 3 A
Inrush current
45 A (60 Hz, 1 cycle)
Item
G3TC-OAC5
G3TC-OAC15
G3TC-OAC24
G3TC-OAC5A
G3TC-OAC15A
G3TC-OAC24A
Operate time (see note 3)
1/2 of load power source cycle + 1 ms max.
Release time (see note 3)
1/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.6 V (RMS) max.
Leakage current
2.5 mA max. (at 120 VAC)
5 mA max. (at 240 VAC)
Weight
Approx. 45g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com