Electronic Components Datasheet Search
  English  ▼

X  

G3TC Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3TC
Description  Solid State Relays for Industrial I/O
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3TC Datasheet HTML 1Page - Omron Electronics LLC G3TC Datasheet HTML 2Page - Omron Electronics LLC G3TC Datasheet HTML 3Page - Omron Electronics LLC G3TC Datasheet HTML 4Page - Omron Electronics LLC G3TC Datasheet HTML 5Page - Omron Electronics LLC G3TC Datasheet HTML 6Page - Omron Electronics LLC G3TC Datasheet HTML 7Page - Omron Electronics LLC G3TC Datasheet HTML 8Page - Omron Electronics LLC G3TC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Solid State Relays for Industrial I/O
G3TC
399
■ DC Output Module G3TC-ODC
Ratings (Ambient Temperature 25
°C)
Input
Output
Characteristics
Note: 1. Resistance values are reference.
2. The output module supplies the current on I/O circuit board at nominal input voltage.
3. At rated load voltage, maximum rated load current, rated input voltage and 25
°C.
4. At 24 VDC load voltage, 3 A load current and 25
°C.
Item
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
Rated voltage
5 VDC
15 VDC
24 VDC
5 VDC
15 VDC
24 VDC
Operating voltage
2.5-8 VDC
9-16 VDC
18-32 VDC
2.5-8 VDC
9-16 VDC
18-32 VDC
Must operate
voltage
2.5 VDC max.
9 VDC max.
18 VDC max.
2.5 VDC max.
9 VDC max.
18 VDC max.
Must release
voltage
1 VDC min.
Input current at rated
voltage (see note 2)
18 mA max.
Control resistance (Rc
in circuit configuration
- see note 1)
240
Ω
1 k
Ω
2.2 k
Ω
240
Ω
1 k
Ω
2.2 k
Ω
Item
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
Rated load voltage
60 VDC
200 VDC
Load voltage range
5-60 VDC
5-200 VDC
Load current
0.01 to 3 A
0.01 to 1.0 A
Inrush current
18 A (10 ms)
9 A (10 ms)
Item
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
Operate time (see note 3)
50
μs max.
100
μs max.
Release time (see note 3)
50
μs max. (see note 4)
750
μs max.
Output ON voltage drop
1.6 V max.
Leakage current
1 mA max. (at 60 VDC)
1 mA max. (at 200 VDC)
Weight
Approx. 45g
Approx. 40g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com