Electronic Components Datasheet Search
  English  ▼

X  

G4B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G4B
Description  General Purpose Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4B Datasheet(HTML) 1 Page - Omron Electronics LLC

  G4B Datasheet HTML 1Page - Omron Electronics LLC G4B Datasheet HTML 2Page - Omron Electronics LLC G4B Datasheet HTML 3Page - Omron Electronics LLC G4B Datasheet HTML 4Page - Omron Electronics LLC G4B Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type
Standard
High capacity
Load
Resistive (p.f.=1)
Inductive (p.f.=0.40)
Resistive (p.f.=1)
Inductive (p.f.=0.40)
(L/R=7ms)
(L/R=7ms)
Rated load
220 VAC 15A
220 VAC 10A
220 VAC 25A
220 VAC 20A
24 VDC 15A
24 VDC 7A
24 VDC 25A
24 VDC 15A
Contact material
AgCdO
AgInSn
Carry current
20A
25A
Max. operating voltage
250 VAC, 125 VDC
—
250 VAC, 125 VDC
Max. operating current
20 A
—
25A
Max. switching capacity
3,300VA, 360W
2,200VA, 170W
5,500VA, 600W
Min. permissible load
100 mA, 5 VDC
s
Miniature relay ideal for switching motor
load, lamp load, heater, etc.
s
Creepage distance of more than 2.03 mm
(0.08 in).
s
Upper mounting bracket type for easy
wiring and mounting
General Purpose Relay
G4B
Ordering Information
Note:
1. Class "B" insulation available. For information consult your OMRON representative.
2. High capacity types are also available with #110 connect coil terminals.
To Order: Select the part number from the available types chart and add the desired coil voltage rating, (e.g., G4B-112T-US-
DC6).
Type
Load contact terminal
Coil terminal
Contact form
Part number
Standard
Quick connect #250
Quick connect #110
SPST-NO
G4B-112T-US
SPDT
G4B-112T-C-US
Quick connect #187
SPST-NO
G4B-112T1-US
SPDT
G4B-112T1-C-US
PC board
SPST-NO
G4B-112TP-US
SPDT
G4B-112TP-C-US
High capacity
PC board
SPST-NO
G4B-112TP-FD-US-RP
SPDT
G4B-112TP-FD-C-US-RP
Quick connect #187
SPST-NO
G4B-112T1-FD-US-RP
SPDT
G4B-112T1-FD-C-US-RP
s CONTACT DATA
Specifications


Similar Part No. - G4B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G4B GE-G4B Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Omron Electronics LLC
G4B-112T1-FD-US-RPAC24 OMRON-G4B-112T1-FD-US-RPAC24 Datasheet
237Kb / 5P
General Purpose Relay
logo
International Rectifier
G4BC30KD IRF-G4BC30KD Datasheet
196Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
G4BC30UD IRF-G4BC30UD Datasheet
234Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
G4BC30W IRF-G4BC30W Datasheet
139Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
More results

Similar Description - G4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
General Purpose Relay
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
General Purpose Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com