Electronic Components Datasheet Search
  English  ▼

X  

G4B Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G4B
Description  General Purpose Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4B Datasheet(HTML) 5 Page - Omron Electronics LLC

  G4B Datasheet HTML 1Page - Omron Electronics LLC G4B Datasheet HTML 2Page - Omron Electronics LLC G4B Datasheet HTML 3Page - Omron Electronics LLC G4B Datasheet HTML 4Page - Omron Electronics LLC G4B Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
G4B
G4B
Type
Contact form
Coil ratings
Contact ratings
G4B
SPST-NO
6 to 120 VAC
15 A, 28 VDC (Resistive)
SPDT
6 to 100 VDC
15 A, 120 VAC (Inductive)
10A, 240 VAC (Inductive)
1 HP, 120 VAC (HP rating)
TV-5 AC
TV rating
s APPROVALS
Standard
UL (File No. E41643)
G4B-112T-US, G4B-112T-C-US
G4B-112T1-US, G4B-112T1-C-US
Terminal layout/
Internal connection
(Bottom view)
G4B-112T(-C)-US
G4B-112T1(-C)-US
Mounting holes
(Bottom view)
G4B-112TP(-C)-US
Mounting holes
(Bottom view)
G4B-112TP-US
Terminal layout/
Internal connection
(Bottom view) (Top view)
G4B-112TP-C
Type
Contact form
Coil ratings
Contact ratings
G4B
SPST-NO
6 to 120 VAC
25 A, 250 VAC (General purpose)
SPTD
6 to 100 VDC
2 HP, 250 VAC
High Capacity
UL (File No. 41643)
Note:
Recommended panel thickness is 1.01 to 2.03 mm (0.04 to 0.08 in).
Type
Contact form
Coil ratings
Contact ratings
G4B
SPST-NO
6 to 120 VAC
15 A, 28 VDC (Resistive)
SPDT
6 to 120 VDC
10A, 120 VAC (Inductive)
1/2 HP, 120 VAC (HP rating)
CSA (File No. LR31928)
Note:
1. The rated values approved by each of the safety standards may be different from the performance characteristics individually
defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. GC RLY6
9/97
Specifications subject to change without notice.
Printed in the U.S.A.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com