Electronic Components Datasheet Search
  English  ▼

X  

G4B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G4B
Description  General Purpose Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4B Datasheet(HTML) 2 Page - Omron Electronics LLC

  G4B Datasheet HTML 1Page - Omron Electronics LLC G4B Datasheet HTML 2Page - Omron Electronics LLC G4B Datasheet HTML 3Page - Omron Electronics LLC G4B Datasheet HTML 4Page - Omron Electronics LLC G4B Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
G4B
G4B
Note:
The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with tolerances of ±10% for DC rated
current and +15%, -20% for AC rated current, and
±15% for rated coil resistance.
s COIL DATA
AC
Contact resistance
30 m
Ω max.
Operate time
20 ms max.
Release time
20 ms max.
Operating frequency
Mechanical
1,800 operations/hour
1,800 operations/hour (under rated load)
Insulation resistance
100 M
Ω min (at 500 VDC)
Dielectric strength
2,000 VAC 50/60 Hz for 1 minute (1,000 VAC between non-continuous contacts)
Vibration
Mechanical durability
10 to 55 Hz, 1.50 mm (0.06 in) double amplitude
Malfunction durability
10 to 55 Hz, 1.50 mm (0.06 in) double amplitude
Shock
Mechanical durability
Approx. 100 G
Malfunction durability
Approx. 20 G
Ambient temperature
-10
° to 55°C (14° to 131°F)
Humidity
35% to 85% RH
Service life
Mechanical
10 million operations min. (at 18,000 operations/hour)
Electrical
See “Characteristic Data”
Weight
Approx. 44 g (1.55 oz)
s CHARACTERISTICS
Note:
Data shown are of initial value.
Rated
Rated current
Coil
Pick-up
Dropout
Maximum
Power
voltage
(mA)
resistance
voltage
voltage
voltage
consumption
(V)
50Hz
60Hz
(
Ω)
% of rated voltage
(VA,W)
6
254
217
—
80% max.
30% min.
110% max.
Approx.1.30 VA
12
126.50
108
24
63
54
50
30.50
26
100
15
13
120
12.60
10.80
240
6.30
5.40
DC
Rated
Coil
Pick-up
Dropout
Maximum
Power
voltage
Rated current
resistance
voltage
voltage
voltage
consumption
(V)
(mA)
(
Ω)
% of rated voltage
(VA,W)
6
200
30
80% max.
10% min.
110% max.
Approx. 1.20 W
12
89
135
24
50
480
48
25
1,920
100
12
8,300
110
9
12,300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com