Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 188 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 188 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 184Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 185Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 188Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 190Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 191Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 192Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 246 page
background image
UART Module Pin Description
Pin Name
I/O
Description
RX
I
External UART RX serial data input pin
If UARTEN=1 and RXEN=1, then RX is the UART serial data input
If UARTEN=0 or RXEN=0, then RX is high impedance
TX
O
External UART TX serial data output pin
If UARTEN=1 and TXEN=1, then TX is the UART serial data output
If UARTEN=0 or TXEN=0, then TX is high impedance
SDI
I
Internal Slave SPI Serial Data In Input Signal
Internally connected to the MCU Master SPI SDO output signal
SDO
O
Internal Slave SPI Serial Data Out Output Signal
Internally connected to the MCU Master SPI SDI input signal
SCK
I
Internal Slave SPI Serial Clock Input Signal
Internally connected to the MCU Master SPI SCK output signal
SCS
I
Internal Slave SPI Device Select Input Signal
Internally connected to the MCU Master SPI SCS output signal -- connected to pull high
resistor
CLKI
I
Internal Clock Input Signal
Internally connected to the MCU Master PCK output signal
INT
O
Internal UART Interrupt Output Signal
Internally connected to the MCU Master PINT input signal
A UART related interrupt will generate a low pulse signal on this line
NC
¾
Implies that the pin is
²Not Connected² and can therefore not be used.
Notes: The pin description for all pins with the exception of the UART TX and RX pins are described in the preceding
MCU section.
UART Module D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD1
Operating Current *
(SPI Enabled, UART disabled)
3.0V
fCLKI=12MHz, SCK=fCLKI/4,
Output no load
¾¾
1.0
mA
5.0V
fCLKI=16MHz, SCK=fCLKI/4,
Output no load
¾¾
2.0
mA
IDD2
Operating Current *
(SPI enabled, UART enabled)
2.2V
fCLKI=6MHz, SCK=fCLKI/4,
Output no load
¾¾
4.2
mA
5.0V
fCLKI=12MHz, SCK=fCLKI/4,
Output no load
¾¾
4.8
mA
ISTB
Standby Current *
(SPI disabled, UART disabled)
5.0V
fCLKI=16MHz, SCK=fCLKI/4,
SCS=VDD, UARTEN=0,
TXEN=1, RXEN=1, SDI=H,
RX=H, Output no load
¾¾
0.6
mA
VIL
Input Low Voltage for RX Ports
¾¾
0
¾
0.3VDD
V
VIH
Input High Voltage for RX Ports
¾¾
0.7VDD
¾
VDD
V
IOL
TX Port Sink Current
3.0V
VO=0.1VDD
2.5
5.0
¾
mA
5.0V
10.0
25.0
¾
mA
IOH
RX Port Source Current
3.0V
VO=0.9VDD
-1.5
-3.0
¾
mA
5.0V
-5.0
-8.0
¾
mA
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
188
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com