Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 190 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 190 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 188Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 190Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 191Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 193Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 194Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
190
February 1, 2010
UART Module Functional Description
The embedded UART Module is full-duplex asynchron-
ous serial communications UART interface that enables
communication with external devices that contain a se-
rial interface. The UART function has many features and
can transmit and receive data serially by transferring a
frame of data with eight or nine data bits per transmis-
sion as well as being able to detect errors when the data
is overwritten or incorrectly framed. Interconnection be-
tween the MCU and the UART module is implemented
by internally connecting the MCU Master SPI interface
to the UART Slave SPI interface. All data transmissions
and receptions between MCU and UART module in-
cluding UART commands are conducted along this in-
terconnected SPI interface. The UART function control
is executed by the MCU using its SPI Master serial inter-
face. The UART module contains its own independent
interrupt which can be used to indicate when a data re-
ception occurs or when a data transmission has termi-
nated.
UART Module Internal Signal
In addition to the TX and RX external pins described
above there are other MCU to UART Module intercon-
necting lines that are described in the following table.
Note that these lines are internal to the device and are
not bonded to external pins.
UART Module SPI Interface
The MCU communicates with the UART Module via an
internal SPI interface. The SPI interface on this device is
comprised of four signals: SCS (SPI Chip Select), SCK
(SPI Clock), SDI (Serial Data Input) and SDO (Serial
Data Output). The SPI master, which is the MCU, as-
serts SCS by pulling it low to start the data transaction
cycle. When the first 8 bits of data are transmitted, SCS
should not return to a high level. Instead, SCS must re-
main at a low level until the whole 16-bit data transaction
is completed. If SCS is de-asserted, that is returned to a
high level before the 16-bit data transaction is com-
pleted, all data bits will be discarded by the UART Mod-
ule SPI slave.
SPI Timing
Both read and write operations are conducted along the
SPI common interface with the following format:
· Write Type Format: 8-bit command input + 8-bit data
input
· Read Type Format: 8-bit command input + 8-bit data
output
To initiate a data transaction, the MCU master SPI
needs to pull SCS to a low level first and then also pull
SCK low. The input data bit on SDI should be stable be-
fore the next SCK rising edge, as the device will latch
the SDI status on the next SCK rising edge. Regarding
the SDO line, the output data bit will be updated on the
SCK falling edge. The master needs to obtain the line
status before the next SCK falling edge.
There are 16 bits of data transmitted and/or received by
the SPI interface for each transaction. Each transaction
consists of a command phase and a data phase. When
SCS is high, the SPI interface is disabled and SDO will
be set to a high impedance state.
After a complete transaction has been implemented,
which requires 16 SCK clock cycles, the master needs
to set SCS to a high level in preparation for the next data
transaction.
For write operations, the device will begin to execute the
command only after it receives a 16-bit serial data se-
quence and when the SCS has been set high again by
the master.
S C K
S D I
S D O
V D D
S C S
I N T
C L K I
G N D
S C K
S D O
S D I
P C K
S C S
V D D
G N D
M C U
R X
T X
P I N T
U A R T
M o d u l e
V D D
MCU to UART Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com