Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 195 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 195 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 191Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 193Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
195
February 1, 2010
Bit 1
RX8: Receive data bit 8 for 9-bit data transfer format (read only)
This bit is only used if 9-bit data transfers are used, in which case this bit location will store the
9th bit of the received data known as RX8. The BNO bit is used to determine whether data
transfers are in 8-bit or 9-bit format.
Bit 0
TX8: Transmit data bit 8 for 9-bit data transfer format (write only)
This bit is only used if 9-bit data transfers are used, in which case this bit location will store the
9th bit of the transmitted data known as TX8. The BNO bit is used to determine whether data
transfers are in 8-bit or 9-bit format.
· UCR2 register
The UCR2 register is the second of the UART control registers and serves several purposes. One of its main func-
tions is to control the basic enable/disable operation if the UART Transmitter and Receiver as well as enabling the
various UART interrupt sources. The register also serves to control the baud rate speed, receiver wake-up function
enable and the address detect function enable. Further explanation on each of the bits is given below:
Bit
76543210
Name
TXEN
RXEN
BRGH
ADDEN
WAKE
RIE
TIIE
TEIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
W
POR
00001011
Bit 7
TXEN: UART Transmitter enable control
0: UART transmitter is disabled
1: UART transmitter is enabled
The bit named TXEN is the Transmitter Enable Bit. When this bit is equal to
²0², the transmitter
will be disabled with any pending data transmissions being aborted. In addition the buffers will be
reset. In this situation the TX pin will be in the state of high impedance. If the TXEN bit is equal to
²1² and the UARTEN bit is also equal to ²1², the transmitter will be enabled and the TX pin will
be controlled by the UART. Clearing the TXEN bit during a transmission will cause the data
transmission to be aborted and will reset the transmitter. If this situation occurs, the TX pin will
be in the state of high impedance.
Bit 6
RXEN: UART Receiver enable control
0: UART receiver is disabled
1: UART receiver is enabled
The bit named RXEN is the Receiver Enable Bit. When this bit is equal to
²0², the receiver will
be disabled with any pending data receptions being aborted. In addition the receive buffers will
be reset. In this situation the RX pin will be in the state of high impedance. If the RXEN bit is
equal to
²1² and the UARTEN bit is also equal to ²1², the receiver will be enabled and the RX pin
will be controlled by the UART. Clearing the RXEN bit during a reception will cause the data
reception to be aborted and will reset the receiver. If this situation occurs, the RX pin will be in the
state of high impedance.
Bit 5
BRGH: Baud Rate speed selection
0: low speed baud rate
1: high speed baud rate
The bit named BRGH selects the high or low speed mode of the Baud Rate Generator. This bit,
together with the value placed in the baud rate register BRG, controls the Baud Rate of the
UART. If this bit is equal to
²1², the high speed mode is selected. If the bit is equal to ²0²,
the low speed mode is selected.
Bit 4
ADDEN: Address detect function enable control
0: address detect function is disabled
1: address detect function is enabled
The bit named ADDEN is the address detect function enable control bit. When this bit is equal to
²1², the address detect function is enabled. When it occurs, if the 8th bit, which corresponds to
RX7 if BNO=0 or the 9th bit, which corresponds to RX8 if BNO=1, has a value of
²1²,
then the received word will be identified as an address, rather than data. If the corresponding
interrupt is enabled, an interrupt request will be generated each time the received word has the
address bit set, which is the 8th or 9th bit depending on the value of BNO. If the address bit
known as the 8th or 9th bit of the received word is
²0² with the address detect function being
enabled, an interrupt will not be generated and the received data will be discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com