Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 198 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 198 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
198
February 1, 2010
Baud Rate
K/BPS
Baud Rates for BRGH=1
fCLKI=4MHz
fCLKI=7.159MHz
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
0.3
¾¾¾¾¾¾
1.2
207
1.202
0.16
185
1.203
0.23
2.4
103
2.404
0.16
92
2.406
0.23
4.8
51
4.808
0.16
46
4.760
-0.83
9.6
25
9.615
0.16
22
9.727
1.32
19.2
12
19.231
0.16
11
18.643
-2.90
38.4
6
35.714
-6.99
5
37.286
-2.90
57.6
3
62.5
8.51
3
55.930
-2.90
115.2
1
125
8.51
1
111.86
-2.90
250
0
250
0
¾¾¾
Baud Rates and Error Values for BRGH
= 1
· BRG Register
Bit
76543210
Name
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
xxxxxxxx
²x²: unknown
Bit 7~0
BRG7~BRG0: Baud Rate values
By programming the BRGH bit in UCR2 Register which allows selection of the related formula
described above and programming the required value in the BRG register, the required baud rate
can be setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com