Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 201 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 201 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 200Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 201Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 202Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 203Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 204Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 205Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
201
February 1, 2010
· UART receiver
The UART is capable of receiving word lengths of ei-
ther 8 or 9 bits can be selected by programming the
BNO bit in the UCR1 register. When BNO bit is set, the
word length will be set to 9 bits. In this case the 9th bit,
which is the MSB, will be stored in the RX8 bit in the
UCR1 register. At the receiver core lies the Receiver
Shift Register more commonly known as the RSR.
The data which is received on the RX external input
pin is sent to the data recovery block. The data recov-
ery block operating speed is 16 times that of the baud
rate, while the main receive serial shifter operates at
the baud rate. After the RX pin is sampled for the stop
bit, the received data in RSR is transferred to the re-
ceive data register, if the register is empty. The data
which is received on the external RX input pin is sam-
pled three times by a majority detect circuit to deter-
mine the logic level that has been placed onto the RX
pin. It should be noted that the RSR register, unlike
many other registers, is not directly mapped into the
Data Memory area and as such is not available to the
application program for direct read/write operations.
· Receiving data
When the UART receiver is receiving data, the data is
serially shifted in on the external RX input pin to the
shift register, with the least significant bit LSB first.
The RXR register is a four byte deep FIFO data buffer,
where four bytes can be held in the FIFO while the 5th
byte can continue to be received. Note that the appli-
cation program must ensure that the data is read from
RXR before the 5th byte has been completely shifted
in, otherwise the 5th byte will be discarded and an
overrun error OERR will be subsequently indicated.
The steps to initiate a data transfer can be summa-
rized as follows:
¨ Make the correct selection of the BNO, PRT, PREN
and STOPS bits to define the required word length,
parity type and number of stop bits.
¨ Setup the BRG register to select the desired baud
rate.
¨ Set the RXEN bit to ensure that the UART receiver
is enabled and the RX pin is used as a UART re-
ceiver pin.
At this point the receiver will be enabled which will be-
gin to look for a start bit.
When a character is received, the following sequence
of events will occur:
¨ The RXIF bit in the USR register will be set then
RXR register has data available, at least three more
character can be read.
¨ When the contents of the shift register have been
transferred to the RXR register and if the RIE bit is
set, then an interrupt will be generated.
¨ If during reception, a frame error, noise error, parity
error or an overrun error has been detected, then
the error flags can be set.
The RXIF bit can be cleared using the following soft-
ware sequence:
1. A USR register access
2. A RXR register read execution
· Receiving break
Any break character received by the UART will be
managed as a framing error. The receiver will count
and expect a certain number of bit times as specified
by the values programmed into the BNO and STOPS
bits. If the break is much longer than 13 bit times, the
reception will be considered as complete after the
number of bit times specified by BNO and STOPS.
The RXIF bit is set, FERR is set, zeros are loaded into
the receive data register, interrupts are generated if
appropriate and the RIDLE bit is set. If a long break
signal has been detected and the receiver has re-
ceived a start bit, the data bits and the invalid stop bit,
which sets the FERR flag, the receiver must wait for a
valid stop bit before looking for the next start bit. The
receiver will not make the assumption that the break
condition on the line is the next start bit. A break is re-
garded as a character that contains only zeros with
the FERR flag set. The break character will be loaded
into the buffer and no further data will be received until
stop bits are received. It should be noted that the
RIDLE read only flag will go high when the stop bits
have not yet been received. The reception of a break
character on the UART registers will result in the fol-
lowing:
¨ The framing error flag, FERR, will be set.
¨ The receive data register, RXR, will be cleared.
¨ The OERR, NF, PERR, RIDLE or RXIF flags will
possibly be set.
· Idle status
When the receiver is reading data, which means it will
be in between the detection of a start bit and the read-
ing of a stop bit, the receiver status flag in the USR
register, otherwise known as the RIDLE flag, will have
a zero value. In between the reception of a stop bit
and the detection of the next start bit, the RIDLE flag
will have a high value, which indicates the receiver is
in an idle condition.
· Receiver interrupt
The read only receive interrupt flag RXIF in the USR
register is set by an edge generated by the receiver.
An interrupt is generated if RIE=1, when a word is
transferred from the Receive Shift Register, RSR, to
the Receive Data Register, RXR. An overrun error can
also generate an interrupt if RIE=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com