Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
46
February 1, 2010
8 - s t a g e D i v i d e r
f S
W D T T i m e - o u t
( 2 8 / f S ~ 2 1 5 / f S )
f S / 2 8
W D T P r e s c a l e r
8 - t o - 1 M U X
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
f S U B
W S 2 ~ W S 0
( f S / 2 8 ~ f S / 2 1 5 )
M
U
X
f S Y S / 4
M
U
X
L X T
L I R C
C o n f i g u r a t i o n
O p t i o n
C o n f i g u r a t i o n
O p t i o n
Watchdog Timer
Watchdog Timer Operation
The Watchdog Timer operates by providing a device re-
set when its timer overflows. This means that in the ap-
plication program and during normal operation the user
has to strategically clear the Watchdog Timer before it
overflows to prevent the Watchdog Timer from execut-
ing a reset. This is done using the clear watchdog in-
structions. If the program malfunctions for whatever
reason, jumps to an unkown location, or enters an end-
less loop, these clear instructions will not be executed in
the correct manner, in which case the Watchdog Timer
will overflow and reset the device. Some of the Watch-
dog Timer options, such as enable/disable, clock source
selection and clear instruction type are selected using
configuration options. In addition to a configuration op-
tion to enable/disable the Watchdog Timer, there are
also four bits, WDTEN3~WDTEN0, in the WDTC regis-
ter to offer an additional enable/disable control of the
Watchdog Timer. To disable the Watchdog Timer, as
well as the configuration option being set to disable, the
WDTEN3~WDTEN0 bits must also be set to a specific
value of
²1010². Any other values for these bits will keep
the Watchdog Timer enabled, irrespective of the configu-
ration enable/disable setting. After power on these bits
will have the value of 1010. If the Watchdog Timer is used
it is recommended that they are set to a value of 0101 for
maximum noise immunity. Note that if the Watchdog
Timer has been disabled, then any instruction relating to
its operation will result in no operation.
WDT Configuration
Option
WDTEN3~
WDTEN0 Bits
WDT
WDT Enable
xxxx
Enable
WDT Disable
Except 1010
Enable
WDT Disable
1010
Disable
Watchdog Timer Enable/Disable Control
Under normal program operation, a Watchdog Timer
time-out will initialise a device reset and set the status
bit TO. However, if the system is in the SLEEP or IDLE
Mode, when a Watchdog Timer time-out occurs, the TO
bit in the status register will be set and only the Program
Counter and Stack Pointer will be reset. Three methods
can be adopted to clear the contents of the Watchdog
Timer. The first is an external hardware reset, which
means a low level on the RES pin, the second is using
the Watchdog Timer software clear instructions and the
third is via a HALT instruction.
There are two methods of using software instructions to
clear the Watchdog Timer, one of which must be chosen
by configuration option. The first option is to use the sin-
gle
²CLR WDT² instruction while the second is to use
the two commands
²CLR WDT1² and ²CLR WDT2². For
the first option, a simple execution of
²CLR WDT² will
clear the WDT while for the second option, both
²CLR
WDT1
² and ²CLR WDT2² must both be executed alter-
nately to successfully clear the Watchdog Timer. Note
that for this second option, if
²CLR WDT1² is used to
clear the Watchdog Timer, successive executions of this
instruction will have no effect, only the execution of a
²CLR WDT2² instruction will clear the Watchdog Timer.
Similarly after the
²CLR WDT2² instruction has been ex-
ecuted, only a successive
²CLR WDT1² instruction can
clear the Watchdog Timer.
The maximum time out period is when the 2
15 division ra-
tio is selected. As an example, with a 32.768kHz LXT
oscillator as its source clock, this will give a maximum
watchdog period of around 1 second for the 2
15 division
ratio, and a minimum timeout of 7.8ms for the 2
8 division
ration. If the fSYS/4 clock is used as the Watchdog Timer
clock source, it should be noted that when the system
enters the SLEEP or IDLE0 Mode, then the instruction
clock is stopped and the Watchdog Timer may lose its
protecting purposes. For systems that operate in noisy
environments, using the fSUB clock source is strongly
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com