Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
66
February 1, 2010
· PGPU Register
¨ HT66F60
Bit
76543210
Name
¾¾¾¾¾¾
D1
D0
R/W
¾¾¾¾¾¾
R/W
R/W
POR
¾¾¾¾¾¾
00
Bit 7~2
²¾² Unimplemented, read as ²0²
Bit 1~0
PGPU: Port G bit 1 ~ bit 0 Pull-High Control
0: Disable
1: Enable
Port A Wake-up
The HALT instruction forces the microcontroller into the SLEEP or IDLE Mode which preserves power, a feature that is
important for battery and other low-power applications. Various methods exist to wake-up the microcontroller, one of
which is to change the logic condition on one of the Port A pins from high to low. This function is especially suitable for
applications that can be woken up via external switches. Each pin on Port A can be selected individually to have this
wake-up feature using the PAWU register.
· PAWU Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
PAWU: Port A bit 7 ~ bit 0 Wake-up Control
0: Disable
1: Enable
I/O Port Control Registers
Each I/O port has its own control register known as PAC~PGC, to control the input/output configuration. With this con-
trol register, each CMOS output or input can be reconfigured dynamically under software control. Each pin of the I/O
ports is directly mapped to a bit in its associated port control register. For the I/O pin to function as an input, the corre-
sponding bit of the control register must be written as a
²1². This will then allow the logic state of the input pin to be di-
rectly read by instructions. When the corresponding bit of the control register is written as a
²0², the I/O pin will be setup
as a CMOS output. If the pin is currently setup as an output, instructions can still be used to read the output register.
However, it should be noted that the program will in fact only read the status of the output data latch and not the actual
logic status of the output pin.
· PAC Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
11111111
· PBC Register
¨ HT66F40/HT66F50/HT66F60
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com