Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 246 page
background image
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is bonded together
internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together
internally with VSS.
As the Pin Description Summary table applies to the package type with the most pins, not all of the above listed
pins may be present on package types with smaller numbers of pins.
HT66F30
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
PB0~PB5
Port B
PBPU
ST
CMOS
¾
PC0~PC7
Port C
PCPU
ST
CMOS
¾
AN0~AN7
ADC input
ACERL
AN
¾
PA0~PA7
VREF
ADC reference input
ADCR1
AN
¾
PB5
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
AN
¾
PA3, PC3
C0+, C1+
Comparator 0, 1 input
AN
¾
PA2, PC2
C0X, C1X
Comparator 0, 1 output
¾
CMOS
PA0, PA5
TCK0, TCK1
TM0, TM1 input
¾
ST
¾
PA2, PA4
TP0_0, TP0_1
TM0 I/O
TMPC0
ST
CMOS
PA0, PC5
TP1A
TM1 I/O
TMPC0
ST
CMOS
PA1
TP1B_0, TP1B_1
TM1 I/O
TMPC0
ST
CMOS
PC0, PC1
INT0, INT1
Ext. Interrupt 0, 1
¾
ST
¾
PA3, PA4
PINT
Peripheral Interrupt
PRM0
ST
¾
PC3 or PC4
PCK
Peripheral Clock output
PRM0
¾
CMOS
PC2 or PC5
SDI
SPI Data input
PRM0
ST
¾
PA6 or PC0
SDO
SPI Data output
PRM0
¾
CMOS
PA5 or PC1
SCS
SPI Slave Select
PRM0
ST
CMOS
PB5 or PC6
SCK
SPI Serial Clock
PRM0
ST
CMOS
PA7 or PC7
SCL
I
2C Clock
PRM0
ST
NMOS
PA7 or PC7
SDA
I
2C Data
PRM0
ST
NMOS
PA6 or PC0
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0, PC1, PC6, PC7
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
XT1
LXT pin
CO
LXT
¾
PB3
XT2
LXT pin
CO
¾
LXT
PB4
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
8
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com