Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
103
February 1, 2010
Bit 2
T2POL: TP2_0, TP2_1 Output polarity Control
0: Non-invert
1: Invert
This bit controls the polarity of the TP2_0 or TP2_1 output pin. When the bit is set high the TM
output pin will be inverted and not inverted when the bit is zero. It has no effect if the TM is in the
Timer/Counter Mode.
Bit 1
T2DPX: TM2 PWM period/duty Control
0: CCRP - period; CCRA - duty
1: CCRP - duty; CCRA - period
This bit, determines which of the CCRA and CCRP registers are used for period and duty
control of the PWM waveform.
Bit 0
T2CCLR: Select TM2 Counter clear condition
0: TM2 Comparator P match
1: TM2 Comparator A match
This bit is used to select the method which clears the counter. Remember that the Standard
TM contains two comparators, Comparator A and Comparator P, either of which can be selected
to clear the internal counter. With the T2CCLR bit set high, the counter will be cleared when a
compare match occurs from the Comparator A. When the bit is low, the counter will be cleared
when a compare match occurs from the Comparator P or with a counter overflow. A counter
overflow clearing method can only be implemented if the CCRP bits are all cleared to zero.
The T1CCLR bit is not used in the PWM, Single Pulse or Input Capture Mode.
¨ TM2DL Register - 16-bit STM
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
RRRRRRRR
POR
00000000
Bit 7~0
TM2DL: TM2 Counter Low Byte Register bit 7~bit 0
TM2 16-bit Counter bit 7~bit 0
¨ TM2DH Register - 16-bit STM
Bit
76543210
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
RRRRRRRR
POR
00000000
Bit 7~0
TM2DH: TM2 Counter High Byte Register bit 7~bit 0
TM2 16-bit Counter bit 15~bit 8
¨ TM2AL Register - 16-bit STM
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
TM2AL: TM2 CCRA Low Byte Register bit 7~bit 0
TM2 16-bit CCRA bit 7~bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com