Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
110
February 1, 2010
However a compare match from Comparator A will also
automatically clear the TnON bit and thus generate the
Single Pulse output trailing edge. In this way the CCRA
value can be used to control the pulse width. A compare
match from Comparator A will also generate a TM inter-
rupt. The counter can only be reset back to zero when
the TnON bit changes from low to high when the counter
restarts. In the Single Pulse Mode CCRP is not used.
The TnCCLR and TnDPX bits are not used in this Mode.
Capture Input Mode
To select this mode bits TnM1 and TnM0 in the TMnC1
register should be set to 01 respectively. This mode en-
ables external signals to capture and store the present
value of the internal counter and can therefore be used
for applications such as pulse width measurements.
The external signal is supplied on the TPn_0 or TPn_1
pin, whose active edge can be either a rising edge, a
falling edge or both rising and falling edges; the active
edge transition type is selected using the TnIO1 and
TnIO0 bits in the TMnC1 register. The counter is started
when the TnON bit changes from low to high which is ini-
tiated using the application program.
When the required edge transition appears on the
TPn_0 or TPn_1 pin the present value in the counter will
be latched into the CCRA registers and a TM interrupt
generated. Irrespective of what events occur on the
TPn_0 or TPn_1 pin the counter will continue to free run
until the TnON bit changes from high to low. When a
CCRP compare match occurs the counter will reset
back to zero; in this way the CCRP value can be used to
control the maximum counter value. When a CCRP
compare match occurs from Comparator P, a TM inter-
rupt will also be generated. Counting the number of
overflow interrupt signals from the CCRP can be a use-
ful method in measuring long pulse widths. The TnIO1
and TnIO0 bits can select the active trigger edge on the
TPn_0 or TPn_1 pin to be a rising edge, falling edge or
both edge types. If the TnIO1 and TnIO0 bits are both
set high, then no capture operation will take place irre-
spective of what happens on the TPn_0 or TPn_1 pin,
however it must be noted that the counter will continue
to run.
As the TPn_0 or TPn_1 pin is pin shared with other func-
tions, care must be taken if the TM is in the Input Cap-
ture Mode. This is because if the pin is setup as an
output, then any transitions on this pin may cause an in-
put capture operation to be executed. The TnCCLR and
TnDPX bits are not used in this Mode.
CCRP
Counter
Value
Counter
overflow
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TnON bit
Pause
Counter
Reset
TnPAU bit
Resume
Stop
Time
YY
XX
CCRA
Value
XX
TM Capture Pin
YY
TnIO1, TnIO0
Value
00 - Rising edge
01 - Falling edge
11 - Disable Capture
Active
edge
Active
edge
XX
10 - Both edges
Active
edges
YY
TnM1, TnM0 = 01
Capture Input Mode
Note:
1. TnM1, TnM0 = 01 and active edge set by TnIO1 and TnIO0 bits
2. TM Capture input pin active edge transfers counter value to CCRA
3. TnCCLR bit not used
4. No output function - TnOC and TnPOL bits not used
5. CCRP sets counter maximum value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com