Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
128
February 1, 2010
CCRA
CCRB
Counter
Value
Counter Stopped
by CCRA
CCRB Int.
Flag TnBF
CCRA Int.
Flag TnAF
TPnA Pin
TnAOC = 1
TnON bit
TnAI O1, TnAI O0 and TnBIO1, TnBIO0
= 11 Single Pulse O utput
TnAIO 1, TnAIO 0 and TnBIO1, TnBIO0
= 00 Out put Inactive
TnAIO 1, TnAIO 0 and TnBIO1, TnBIO0 = 11
Here TnAIO1, TnAIO0 and
TnBIO1, TnBIO0 = 00
Output Forced to Inactive
level but counter keeps
running internally
TnAIO1, TnAIO0 and TnBI O1, TnBI O0 = 11
Resume Single Pulse Out put
Counter Stops
by soft ware
Count er reset
when TnON
returns high
Time
TnAPOL,
TnBPOL bit
Output Inverts
When TnAPOL = 1
TPnA Pin
TnAOC = 0
TnPAU bit
Resume
Pause
Sof tware
Trigger
TCKn pin
Cleared by
CCRA match
TCKn pin
Trigger
Auto. s et
by TCKn pin
Soft ware
Clear
Software
Trigger
Software
Trigger
TnAM1, TnAM0 and TnBM1, TnBM0 = 10;
TnAIO1, TnAIO0 and TnBIO1, TnBIO0 = 11
TPnB Pin
TnBOC = 1
Pulse Width
set by CCRA
TPnB Pin
TnBOC = 0
Pulse Width
set by CCRA - CCRB
Output Inverts
When TnBPOL = 1
ETM - Single Pulse Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com