Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 152 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 152 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 150Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 151Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 156Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
152
February 1, 2010
· SIMC1 Register
Bit
76543210
Name
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
R/W
R
R
R
R/W
R/W
R
R/W
R
POR
10000001
Bit 7
HCF:I
2C Bus data transfer completion flag
0: Data is being transferred
1: Completion of an 8-bit data transfer
The HCF flag is the data transfer flag. This flag will be zero when data is being transferred.
Upon completion of an 8-bit data transfer the flag will go high and an interrupt will be generated.
Bit 6
HAAS:I
2C Bus address match flag
0: Not address match
1: Address match
The HASS flag is the address match flag. This flag is used to determine if the slave device
address is the same as the master transmit address. If the addresses match then this bit will be
high, if there is no match then the flag will be low.
Bit 5
HBB:I
2C Bus busy flag
0: I
2C Bus is not busy
1: I
2C Bus is busy
The HBB flag is the I
2C busy flag. This flag will be
²1² when the I2C bus is busy which will
occur when a START signal is detected. The flag will be set to
²0² when the bus is free which will
occur when a STOP signal is detected.
Bit 4
HTX: Select I
2C slave device is transmitter or receiver
0: Slave device is the receiver
1: Slave device is the transmitter
Bit 3
TXAK:I
2C Bus transmit acknowledge flag
0: Slave send acknowledge flag
1: Slave do not send acknowledge flag
The TXAK bit is the transmit acknowledge flag. After the slave device receipt of 8-bits of data,
this bit will be transmitted to the bus on the 9th clock from the slave device. The slave device
must always set TXAK bit to
²0² before further data is received.
Bit 2
SRW:I
2C Slave Read/Write flag
0: Slave device should be in receive mode
1: Slave device should be in transmit mode
The SRW flag is the I
2C Slave Read/Write flag. This flag determines whether the master
device wishes to transmit or receive data from the I
2C bus. When the transmitted address and
slave address is match, that is when the HAAS flag is set high, the slave device will check the
SRW flag to determine whether it should be in transmit mode or receive mode. If the SRW flag is
high, the master is requesting to read data from the bus, so the slave device should be in transmit
mode. When the SRW flag is zero, the master will write data to the bus, therefore the slave
device should be in receive mode to read this data.
Bit 1
IAMWU:I
2C Address Match Wake-up Control
0: Disable
1: Enable
This bit should be set to
²1² to enable I2C address match wake up from SLEEP or IDLE Mode.
Bit 0
RXAK:I
2C Bus Receive acknowledge flag
0: Slave receive acknowledge flag
1: Slave do not receive acknowledge flag
The RXAK flag is the receiver acknowledge flag. When the RXAK flag is
²0², it means that a
acknowledge signal has been received at the 9th clock, after 8 bits of data have been
transmitted. When the slave device in the transmit mode, the slave device checks the RXAK flag
to determine if the master receiver wishes to receive the next byte. The slave transmitter will
therefore continue sending out data until the RXAK flag is
²1². When this occurs, the slave
transmitter will release the SDA line to allow the master to send a STOP signal to release the I
2C
Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com