Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 157 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 157 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 157Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 158Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 159Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 160Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 161Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
157
February 1, 2010
Peripheral Clock Output
The Peripheral Clock Output allows the device to supply
external hardware with a clock signal synchronised to
the microcontroller clock.
Peripheral Clock Operation
As the peripheral clock output pin, PCK, is shared with
I/O line, the required pin function is chosen via PCKEN
in the SIMC0 register. The Peripheral Clock function is
controlled using the SIMC0 register. The clock source
for the Peripheral Clock Output can originate from either
the TM0 CCRP match frequency/2 or a divided ratio of
the internal fSYS clock. The PCKEN bit in the SIMC0 reg-
ister is the overall on/off control, setting PCKEN bit to
²1² enables the Peripheral Clock, setting PCKEN bit to
²0² disables it. The required division ratio of the system
clock is selected using the PCKP1 and PCKP0 bits in
the same register. If the device enters the SLEEP Mode
this will disable the Peripheral Clock output.
· SIMC0 Register
Bit
76543210
Name
SIM2
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
¾
POR
1110000
¾
Bit 7~5
SIM2, SIM1, SIM0: SIM operating mode control
000: SPI master mode; SPI clock is fSYS/4
001: SPI master mode; SPI clock is fSYS/16
010: SPI master mode; SPI clock is fSYS/64
011: SPI master mode; SPI clock is fTBC
100: SPI master mode; SPI clock is TM0 CCRP match frequency/2
101: SPI slave mode
110: I
2C slave mode
111: Unused mode
These bits setup the overall operating mode of the SIM function. As well as selecting if the I
2C
or SPI function, they are used to control the SPI Master/Slave selection and the SPI Master clock
frequency. The SPI clock is a function of the system clock but can also be chosen to be sourced
from the TM0. If the SPI Slave Mode is selected then the clock will be supplied by an external
Master device.
Bit 4
PCKEN: PCK output pin control
0: Disable
1: Enable
Bit 3~2
PCKP1, PCKP0: select PCK output pin frequency
00: fSYS
01: fSYS/4
10: fSYS/8
11: TM0 CCRP match frequency/2
Bit 1
SIMEN: SIM control
0: Disable
1: Enable
The bit is the overall on/off control for the SIM interface. When the SIMEN bit is cleared to zero
to disable the SIM interface, the SDI, SDO, SCK and SCS, or SDA and SCL lines will be in a
floating condition and the SIM operating current will be reduced to a minimum value. When the bit
is high the SIM interface is enabled. The SIM configuration option must have first enabled the
SIM interface for this bit to be effective. Note that when the SIMEN bit changes from low to high
the contents of the SPI control registers will be in an unknown condition and should therefore be
first initialised by the application program.
Bit 0
unimplemented, read as
²0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com