Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 163Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 171Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
167
February 1, 2010
· INTC3 Register
¨ HT66F60
Bit
76543210
Name
MF5F
TB1F
TB0F
MF4F
MF5E
TB1E
TB0E
MF4E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
MF5F: Multi-function interrupt 5 request flag
0: no request
1: interrupt request
Bit 6
TB1F: Time Base 1 interrupt request flag
0: no request
1: interrupt request
Bit 5
TB0F: Time Base 0 interrupt request flag
0: no request
1: interrupt request
Bit 4
MF4F: Multi-function interrupt 4 request flag
0: no request
1: interrupt request
Bit 3
MF5E: Multi-function interrupt 5 control
0: disable
1: enable
Bit 2
TB1E: Time Base 1 interrupt control
0: disable
1: enable
Bit 1
TB0E: Time Base 0 interrupt control
0: disable
1: enable
Bit 0
MF4E: Multi-function interrupt 4 control
0: disable
1: enable
· MFI0 Register
¨ HT66F20/HT66F30
Bit
76543210
Name
¾¾
T0AF
T0PF
¾¾
T0AE
T0PE
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
00
¾¾
00
Bit 7~6
unimplemented, read as
²0²
Bit 5
T0AF: TM0 Comparator A match interrupt request flag
0: no request
1: interrupt request
Bit 4
T0PF: TM0 Comparator P match interrupt request flag
0: no request
1: interrupt request
Bit 3~2
unimplemented, read as
²0²
Bit 1
T0AE: TM0 Comparator A match interrupt control
0: disable
1: enable
Bit 0
T0PE: TM0 Comparator P match interrupt control
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com