Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 189 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 189 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 185Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 188Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 190Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 191Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 193Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 246 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
RPH
Pull-high Resistance for SCS only
3.0V
¾
20
60
100
k
W
5.0V
10
30
50
k
W
Note:
²*² The operating current IDD1 listed here is the additional current consumed when the slave SPI interface in the
UART module is enabled and the UART interface is disabled. Similarly, the operating current IDD2 here is the
additional current consumed when both the slave SPI interface and UART interface are enabled. If the UART
module is enabled, either IDD1 or IDD2 should be added to calculate the relevant operating current of the device
for different conditions. To calculate the standby current for the whole device, the standby current shown above
should be taken into account.
UART Module A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tCP
SCK Period (tCH +tCL)
3.0V
¾
62.5
¾¾
ns
5.0V
¾
50.0
¾¾
ns
tCH
SCK High Time
3.0V
¾
28
¾¾
ns
5.0V
¾
22
¾¾
ns
tCL
SCK Low Time
3.0V
¾
28
¾¾
ns
5.0V
¾
22
¾¾
ns
tCSW
SCS High Pulse Width
3.0V
¾
500
¾¾
ns
5.0V
¾
400
¾¾
ns
tCSS
SCS to SCK Setup Time
¾¾
100
¾¾
ns
tCSH
SCS to SCK Hold Time
¾¾
0
¾¾
ns
tSDS
SDI to SCK Setup Time
¾¾
100
¾¾
ns
tSDH
SDI to SCK Hold Time
¾¾
0
¾¾
ns
tR
SPI Output Rise Time
¾¾
¾
10
¾
ns
tF
SPI Output Fall Time
¾¾
¾
10
¾
ns
tW
SPI Data Output Delay Time
¾¾
0
¾¾
ns
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
189
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com