Electronic Components Datasheet Search
  English  ▼

X  

UTCPC1353 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCPC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCPC1353 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCPC1353 Datasheet HTML 1Page - Unisonic Technologies UTCPC1353 Datasheet HTML 2Page - Unisonic Technologies UTCPC1353 Datasheet HTML 3Page - Unisonic Technologies UTCPC1353 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCPC1353
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R111-002,A
ABSOLUTE MAXIMUM RATING(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Input Voltage(pin 10)
V10
20
V
Input Current(pin10)
I10
1
A
Input Current(pin5)
I5
100
mA
Signal Voltage Input
VI
3
VP-P
Power Dissipation
PD1
0.8(Ta=75
°C)Free air
W
Power Dissipation
PD2
1.4*
W
Operating Temperature
TOPR
-20 ~ +75
°C
Storage Temperature
TSTG
-40 ~ +150
°C
*Area of copper pattern on PCB 50 x 50(mm)2
ELECTRICAL CHARACTERISTICS(Ta=25
°C)
1.TYPICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUE
UNIT
Current for Pin 10
I10
THD2A=10%
200 ~ 210
mA
Current for Pin 10
I10
THD2B=10%
270 ~ 280
mA
Audio Output Power
POA
THD=3%
1.1
W
Audio Output Power
POB
VCC=18V,RB=330
Ω,THD=3%
2.0
W
Bandwidth for Audio Stage
fS
-3dB
50 ~ 50K
HZ
2. IF AMPLIFIER(VCC=12V,RB=100
Ω,V14>=1.3V,fO=6.5MHZ,fm=400HZ,f=25KHZ,RG=50Ω)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pin 5 Voltage
V5A
7.5
8.0
8.5
V
Pin5 Voltage
V5B
VCC=18V,RB=330
Ω
7.5
8.0
8.5
V
Pin10 Current
I10A
No input signal
14
19
24
mA
Pin10 Current
I10B
VCC=18V,RB=330
Ω
No input signal
16
28
35
mA
IF limiter Voltage
VLIM
VOAF(Vi=10mVrms)= -3dB
200
400
µ Vrms
Discriminator Output
Voltage
VOAF
Vi=10mVrms
300
360
mVrms
Discriminator
Distortion
THD1
Vi=10mVrms
0.7
%
AM rejection ratio
AMR
Modulation 30% fm=400HZ
Vi=10mVrms
-40
-50
dB
Maximum attenuation
VATT
V14=0V
-60
-80
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com